Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 33Page - Cirrus Logic CS35L32 Datasheet HTML 34Page - Cirrus Logic CS35L32 Datasheet HTML 35Page - Cirrus Logic CS35L32 Datasheet HTML 36Page - Cirrus Logic CS35L32 Datasheet HTML 37Page - Cirrus Logic CS35L32 Datasheet HTML 38Page - Cirrus Logic CS35L32 Datasheet HTML 39Page - Cirrus Logic CS35L32 Datasheet HTML 40Page - Cirrus Logic CS35L32 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 51 page
background image
DS963F5
37
CS35L32
7.6 Power Control 2
7.6 Power Control 2
Address 0x07
R/W
7
654
32
10
PDN_VMON
PDN_IMON
PDN_VPMON
—
SDOUT_3ST
—
Default
1
110
10
00
Bits
Name
Description
7PDN_
VMON
Power-down VMON ADC. Configures the power state of the ADC front end and the ADC used to monitor the VSENSE± input
pins to create the VMON data.
0 Powered up
1 (Default) Powered down
6PDN_
IMON
Power-down IMON ADC. Configures the power state of the ADC front end, and the ADC, and range selection circuitry used to
monitor the ISENSE± input pins to create the IMON data.
0 Powered up
1 (Default) Powered down
5PDN_
VPMON
Power-down VPMON ADC. Configures the ADC front end power state and the ADC used to monitor the VP supply pin to create
the VP data.
0 Powered up
1 (Default) Powered down
4—
Reserved
3
SDOUT_
3ST
Tristate the ADSP SDOUT path. Configures the Hi-Z state of the ADSP SDOUT output path.
0 SDOUT is powered up.
1 (Default) SDOUT is Hi-Z.
2:0
—
Reserved
7.7 Clocking Control
Address 0x08
R/W
7
654
32
10
MCLKDIS
MCLKDIV2
—
RATIO
Default
0
100
00
00
Because clock rates must be stable when the device is powered up, the device must be powered down before changing clock rates.
Bits
Name
Description
7
MCLKDIS MCLK disable. Configures the state of MCLKINT before its fan-out to all the internal circuitry.
0 (Default) On
1 Off. Disables the clock tree to save power when the device is powered down. Set only after the device powers down.
6
MCLKDIV2 MCLK divide by 2. Configures a divide between the input pin MCLK and the derived core clock, MCLKINT.
0 No divide
1 (Default) Divide by 2
5:1
—
Reserved
0RATIO
fMCLK(INT)/fLRCK ratio. Table 3-12 shows the effect of these settings on the Master Mode duty cycle.
0 (Default)128
1 125
Application: Refer to Section 4.11.2, “Master and Slave Timing.”
7.8 Low Battery Thresholds
Address 0x09
R/W
7
654
32
10
—
LOWBAT_TH[1:0]
LOWBAT_RECOV[2:0]
—
Default
0
010
01
10
Bits
Name
Description
7:6
—
Reserved
5:4
LOWBAT_
TH
Low battery nominal threshold, falling VP. See Table 3-3 for accuracy specifications.
00 3.1 V
01 3.2 V
10 (Default) 3.3 V
11 3.4 V
3:1
LOWBAT_
RECOV
Low battery nominal recovery threshold, rising VP. See Table 3-3 for accuracy specifications.
000 Reserved
001 3.2 V
010 3.3 V
011 (Default) 3.4 V
100 3.5 V
101 3.6 V
110–111 3.6 V
0—
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com