Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 8 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 4Page - Cirrus Logic CS35L32 Datasheet HTML 5Page - Cirrus Logic CS35L32 Datasheet HTML 6Page - Cirrus Logic CS35L32 Datasheet HTML 7Page - Cirrus Logic CS35L32 Datasheet HTML 8Page - Cirrus Logic CS35L32 Datasheet HTML 9Page - Cirrus Logic CS35L32 Datasheet HTML 10Page - Cirrus Logic CS35L32 Datasheet HTML 11Page - Cirrus Logic CS35L32 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 51 page
background image
8
DS963F5
CS35L32
3 Characteristics and Specifications
3 Characteristics and Specifications
Table 3-1. Recommended Operating Conditions
GNDA = GNDP = 0 V, all voltages with respect to ground. Device functional operation is guaranteed within these limits. Functionality is not guaranteed
or implied outside of these limits. Operation outside of these limits may adversely affect device reliability.
Parameters
Symbol
Minimum
Maximum
Units
DC power supply
Analog (and digital I/O and core)
VA
1.71
1.89
V
Battery
VP
3.0
5.25
V
External voltage applied to analog inputs powered by VA (IREF+, FILT+) 1
1.The maximum overvoltage/undervoltage is limited by the input current.
VINAS
–0.3
VA + 0.3
V
External voltage applied to analog inputs powered by SPKRSUPPLY (IN+, IN–,
ISENSE+, ISENSE–,VSENSE+, VSENSE–)
VINSS
–0.3
SPKRSUPPLY + 0.3
V
External voltage applied to digital inputs
VINDI
–0.3
VA + 0.3
V
Ambient temperature
TA
–10
+70
°C
Table 3-2. Absolute Maximum Ratings
GNDA = GNDP = 0 V; all voltages with respect to ground. Operation at or beyond these limits may permanently damage the device.
Parameters
Symbol
Minimum
Maximum
Units
DC power supply
Analog
VA
–0.3
2.22
V
Battery
VP
–0.3
6.0
V
Input current 1
1.Any pin except supplies. Transient currents of up to ±100 mA on the analog input pins do not cause SCR latch up.
IIN
—±10
mA
Ambient operating temperature (local to device, power applied)
TA
–40
+115
°C
Junction operating temperature (power applied)
TJ
–40
+150
°C
Storage temperature
TSTG
–65
+150
°C
Table 3-3. DC Characteristics
Test conditions, except where noted otherwise: VA = 1.8 V, VP = 3.6 V, VBST = 5.0 V, GNDA = GNDP = 0 V, TA = +25°C
.
Parameters
Symbol
Test Conditions
Min Typical Max Units
Differential Input resistance (IN+ to IN–)
RINDIF
Amp gain = 9 dB
Amp gain = 12 dB
Amp gain = 15 dB
Amp gain = 18 dB
—
—
—
—
63
51
40
31
—
—
—
—
k
k
k
k
FILT+ voltage
—
—
—
VA
—
—
Overtemperature shutdown threshold
TOP
—
—
150
—
°C
Overtemperature warning threshold
TWRN
—
—
135
—
°C
Overtemperature warning threshold deviation
—
—
—
±10
—
°C
Low battery threshold
—
LOWBAT_TH = 00
LOWBAT_TH = 01
LOWBAT_TH = 10
LOWBAT_TH = 11
—
—
—
—
3.10
3.20
3.30
3.40
—
—
—
—
V
V
V
V
Low-battery recovery threshold
—
LOWBAT_RECOV = 001
LOWBAT_RECOV = 010
LOWBAT_RECOV = 011
LOWBAT_RECOV = 100
LOWBAT_RECOV = 101–11x
—
—
—
—
—
3.20
3.30
3.40
3.50
3.60
—
—
—
—
—
V
V
V
V
V
VP undervoltage lockout threshold (VP falling)
UVLO
—
—
2
—
V
VP undervoltage lockout hysteresis
—
—
—
100
—
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com