Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 12Page - Cirrus Logic CS35L32 Datasheet HTML 13Page - Cirrus Logic CS35L32 Datasheet HTML 14Page - Cirrus Logic CS35L32 Datasheet HTML 15Page - Cirrus Logic CS35L32 Datasheet HTML 16Page - Cirrus Logic CS35L32 Datasheet HTML 17Page - Cirrus Logic CS35L32 Datasheet HTML 18Page - Cirrus Logic CS35L32 Datasheet HTML 19Page - Cirrus Logic CS35L32 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
16
DS963F5
CS35L32
4.3 Speaker Amplifier
To clear any status bits set due to the initiation of a path or block, all interrupt status bits should be read after reset and
before normal operation begins. Otherwise, unmasking these previously set status bits causes INT to assert.
4.3 Speaker Amplifier
The CS35L32 features a high-efficiency mono Class D audio amplifier, shown in Fig. 4-2, with an advanced closed-loop
architecture that achieves low levels of output distortion. Automatic Class G operation, using a boosted supply to the
amplifier, allows louder speaker performance with high crest factor.
Figure 4-2. Speaker Amplifier Block Diagram
4.3.1
Class G Operation with LEDs Off
The boost converter output is the supply to the speaker amplifier. Audio operation can be programmed to have one of the
following supply modes (See Section 7.12 for programming details.):
• Class G where the boost converter is in Bypass Mode for audio input signals below a threshold VIN1THON and in
5-V Boost Mode for audio signal inputs above a threshold VIN1THOFF. These thresholds are specified in Table 3-4
for the given conditions. The corresponding equations are shown below.
• Class G disabled, boost converter is in Bypass Mode, and VBST = VP. In this mode, thresholds are ignored.
• Class G disabled, boost converter is in Boost Mode, and VBST = 5 V. In this mode, thresholds are ignored.
The Class G equations for the audio input signal thresholds are as follows:
VBST is the boost converter output voltage (whether in Bypass or Boost Mode), and gain is audio gain expressed as a
unitless real ratio (nonlogarithmic). K = 1 if MCLK is 6 or 12 MHz; K = 1.024 if MCLK is 6.144 or 12.288 MHz. MCLKINT
should be configured as described in Section 4.13.1 and Section 7.7.
Table 4-1. Interrupt Status Registers and Corresponding Mask Registers
Status Registers
Mask Registers
Interrupt Status 1 (Audio) (Section 7.19)
Interrupt Status 2 (Monitors) (Section 7.20)
Interrupt Status 3 (LEDs and Boost Converter) (Section 7.21)
Interrupt Mask 1 (Section 7.16)
Interrupt Mask 2 (Section 7.17)
Interrupt Mask 3 (Section 7.18)
and
Hybrid Class D Audio Amplifier
(PDN_AMP = 0)
Hybrid Class D Modulator
-Class D
Modulator
9–18 dB
Short
Circuit
Protection
SPKOUT+
SPKOUT–
Hybrid Class D
Power Stage
VBST
IN+
IN–
AMP_GAIN p. 39
GAIN_CHG_ZC p. 39
AUDIOGAIN_MNG p. 38
V
IN1THOF
4
15
------K


VBST
Gain
-----------------


=
V
IN1THON
2
3
---K


VBST
Gain
-----------------


=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com