Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 30Page - Cirrus Logic CS35L32 Datasheet HTML 31Page - Cirrus Logic CS35L32 Datasheet HTML 32Page - Cirrus Logic CS35L32 Datasheet HTML 33Page - Cirrus Logic CS35L32 Datasheet HTML 34Page - Cirrus Logic CS35L32 Datasheet HTML 35Page - Cirrus Logic CS35L32 Datasheet HTML 36Page - Cirrus Logic CS35L32 Datasheet HTML 37Page - Cirrus Logic CS35L32 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 51 page
background image
34
DS963F5
CS35L32
5.5 Inductor Selection
Figure 5-2. Ground Ball Locations (Shown in Gray)
Also, as space permits, traces should be wider than 12 mils as soon as they clear the balls of the device. The traces should
remain wide for at least 300 mils after they leave the device.
5.5 Inductor Selection
Table 5-1, “Recommended Inductors,” lists the inductors recommended for use with the CS35L32
.
Table 5-1. Recommended Inductors
Manufacturer
Part Number
Inductance
DC Resistance
Saturation Current 1
1.Indicates the inductor’s saturation current corresponding to a 30% drop in inductance from the nominal value.
Height
Cyntec
PST031B-1R0MS
1.0
H
8.5 m
3.9 A
1.2 mm
Cooper
MPI4040R1-1R0-R
1.0
H40 m
7.7 A
1.2 mm
Ball A1
Location
Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com