Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 36 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 36 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 32Page - Cirrus Logic CS35L32 Datasheet HTML 33Page - Cirrus Logic CS35L32 Datasheet HTML 34Page - Cirrus Logic CS35L32 Datasheet HTML 35Page - Cirrus Logic CS35L32 Datasheet HTML 36Page - Cirrus Logic CS35L32 Datasheet HTML 37Page - Cirrus Logic CS35L32 Datasheet HTML 38Page - Cirrus Logic CS35L32 Datasheet HTML 39Page - Cirrus Logic CS35L32 Datasheet HTML 40Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 51 page
background image
36
DS963F5
CS35L32
7 Register Descriptions
7 Register Descriptions
All registers are read/write except for the chip ID and revision register and the status registers, which are read only. The
user must not change reserved registers from their default state.
7.1 Device ID A and B
Address 0x01
R/O
7
654
32
10
DEVIDA[3:0]
DEVIDB[3:0]
Default
0
011
01
01
7.2 Device ID C and D
Address 0x02
R/O
7
654
32
10
DEVIDC[3:0]
DEVIDD[3:0]
Default
1
010
00
11
7.3 Device ID E
Address 0x03
R/O
7
654
32
10
DEVIDE[3:0]
—
Default
0
010
00
00
Bits
Name
Description
7:4
DEVIDA,
DEVIDC,
DEVIDE
Device ID code for the CS35L32.
DEVIDA 0x3
DEVIDB 0x5
DEVIDC 0xA Represents the “L” in CS35L32
.
DEVIDD 0x3
DEVIDE 0x2
3:0
DEVIDB,
DEVIDD
7.4 Revision ID
Address 0x05
R/O
7
654
32
10
AREVID[3:0]
NUMREVID[3:0]
Default
x
xxx
xx
xx
Bits
Name
Description
7:4
AREVID
Alpha revision. AREVID and NUMREVID form the complete device revision ID (e.g., A0, B2).
0xA A … 0xF F
3:0 NUMREVID Numerical revision. AREVID and NUMREVID form the complete device revision ID (e.g., A0, B2).
0x0 0 … 0xF F
7.5 Power Control 1
Address 0x06
R/W
7
654
32
10
PDN_AMP
—
PDN_BST[1:0]
—
PDN_ALL
Default
0
000
01
00
Bits Name
Description
7
PDN_
AMP
Power down Class D amplifier. Configures the power state of the Class D amplifier.
0 (Default) Powered up
1 Powered down
6:4
—
Reserved
3:2
Power-down boost converter. Configures the power state of the boost converter.
00 Powered up
01 (Default) Boost Mode bypass. Turns the boost FET OFF, the rectifying FET ON, and the remaining boost circuitry in a low-
power state, with VBST = VP. Powers down internal-control circuitry when operating in VBST = VP Mode.
10–11 Reserved
1—
Reserved
0PDN_
ALL
Power down all. Configures the CS35L32 power state. Can be used to quickly power down the device but is not equivalent to
using all of the individual power-down bits.
0 (Default) Powered up, as per individual controls in power control registers 1 and 2.
1 Powered down. All affected blocks are powered down, regardless of individual power-down bit settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com