Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 6Page - Cirrus Logic CS35L32 Datasheet HTML 7Page - Cirrus Logic CS35L32 Datasheet HTML 8Page - Cirrus Logic CS35L32 Datasheet HTML 9Page - Cirrus Logic CS35L32 Datasheet HTML 10Page - Cirrus Logic CS35L32 Datasheet HTML 11Page - Cirrus Logic CS35L32 Datasheet HTML 12Page - Cirrus Logic CS35L32 Datasheet HTML 13Page - Cirrus Logic CS35L32 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
10
DS963F5
CS35L32
3 Characteristics and Specifications
Table 3-6. Speaker Amplifier Output Characteristics
Test conditions, except where noted otherwise: VA = 1.8 V, VP = 3.6 V, VBST = 5.0 V, 1-kHz input, amp gain = 12 dB, GNDA = GNDP = 0 V, TA = +25°C,
measurement bandwidth is 20 Hz to 20 kHz, Fs = 48 kHz, MCLKINT = 6 MHz. MCLKINT is explained in Section 4.13.1 and Section 7.7.
Parameters
Symbol
Test Conditions
Min Typical Max Units
Continuous average power delivered to load 1
1.Power delivered to the speaker from the 0.1-
 load side terminal (refer to Fig. 2-1).
Po
8-
 load, THD 10%
8-
 load, THD 1%
—
—
1.75
1.45
—
—
W
W
THD+N
THD+N
8-
 load, 1.0 W —
0.02
—
%
Input voltage @ 1% THD+N
VICLIP
8-
 load —
0.84
—
Vrms
Signal to noise ratio
SNR
Referenced to output voltage @1% THD+N, A-weighted —
102
—
dB
Idle channel noise
ICN
VBST = VP, A-weighted —
25
—
Vrms
Common-mode rejection ratio
CMRR
Vripple = 1 VPP, fripple = 217 Hz —
55
—
dB
Frequency response
FR
20 Hz to 20 kHz, No input DC blocking caps –0.1
0
0.1
dB
Efficiency 2
2.Efficiency collected using a 5-V external supply, as shown
in the drawing. For this test, the VBST pin should not be
connected to the SPKRSUPPLY pin.
A
8-
 load 33 H, 1.7 W —
91
—
%
Class D amplifier gain
—
AMP_GAIN = 000 (mute)
AMP_GAIN = 001
AMP_GAIN = 010
AMP_GAIN = 011
AMP_GAIN = 100
—
—
—
—
—
–80
9
12
15
18
—
—
—
—
—
dB
dB
dB
dB
dB
N-FET ON resistance
RDS ON,N
IFET = 0.5 A —
185
—
m
P-FET ON resistance
RDS ON,P
IFET = 0.5 A —
205
—
m
Output DC offset voltage
VOFFSET
Inputs AC coupled to ground —
±5
—
mV
Time from shutdown to audio out
tSD
RESET deasserted, zero-crossing disabled —
15
—
ms
Generic Simulated
Speaker Load
RSENSE
0.1
Audio Precision AP 2700
Audio Analyzer
Audio Precision
AUX-0025 Filter
SPKOUT+
ISENSE+
SPKOUT–
ISENSE–/
VSENSE+
VSENSE–
SPKRSUPPLY
5 V
3.6 V
1.8 V
VP
VA
8
33
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com