Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 24Page - Cirrus Logic CS35L32 Datasheet HTML 25Page - Cirrus Logic CS35L32 Datasheet HTML 26Page - Cirrus Logic CS35L32 Datasheet HTML 27Page - Cirrus Logic CS35L32 Datasheet HTML 28Page - Cirrus Logic CS35L32 Datasheet HTML 29Page - Cirrus Logic CS35L32 Datasheet HTML 30Page - Cirrus Logic CS35L32 Datasheet HTML 31Page - Cirrus Logic CS35L32 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
28
DS963F5
CS35L32
4.12 Signaling Format
4.12.3 Transmitting Data from a Dual-CS35L32 Configuration
To indicate a dual-CS35L32 configuration where the SDOUT line is shared, the user must set SHARE (see p. 39). When
two CS35L32 devices are available on the same board, each device is identified by its I2C address. The AD0 pin is shared
by FLOUT2. Upon power-up or upon deasserting RESET, each CS35L32 reads the AD0 pin logic level and configures its
chip address. Transmission starts when SDOUT_3ST (see p. 37) is cleared. The Device 0 address (AD0 level low)
transmits its data on the left channel time slot while Device 1 is automatically tristated; the Device 1 address (AD0 level
high) transmits on the right-channel time slot while Device 0 is automatically tristated.
The DATCNF setting (see p. 39) determines data transmission for both CS35L32s, as shown below:
• Table 4-10 (DATCNF = 00): left and right channel VMON[11:0], IMON[11:0], VPMON[7:0]
• Table 4-11 (DATCNF = 01): left and right channel VMON[11:0], IMON[11:0], STATUS
• Table 4-12 (DATCNF = 10): left and right channel VMON[15:0], IMON[15:0]
• Table 4-13 (DATCNF): left and right channel VPMON[7:0], STATUS
Table 4-10. SDOUT Monitor Data Positioning (Two CS35L32s, DATCNF = 00)
Bit
Bit Number Left-Channel Data Contents Right-Channel Data Contents
MSB
1
VMON[11] Device 0
VMON[11] Device 1
MSB – 1
2
VMON[10] Device 0
VMON[10] Device 1
……
…
…
MSB – 11
12
VMON[0] Device 0
VMON[0] Device 1
MSB – 12
13
IMON[11] Device 0
IMON[11] Device 1
MSB – 13
14
IMON[10] Device 0
IMON[10] Device 1
……
…
…
MSB – 23
24
IMON[0] Device 0
IMON[0] Device 1
MSB – 24
25
VPMON[7] Device 0
VPMON[7] Device 1
MSB – 25
26
VPMON[6] Device 0
VPMON[6] Device 1
……
…
…
MSB – 31
32
VPMON[0] Device 0
VPMON[0] Device 1
Table 4-11. SDOUT Monitor Data Positioning (Two CS35L32s, DATCNF = 01)
Bit
Bit Number Left-Channel Data Contents Right-Channel Data Contents
MSB
1
VMON[11] Device 0
VMON[11] Device 1
MSB – 1
2
VMON[10] Device 0
VMON[10] Device 1
……
…
…
MSB – 11
12
VMON[0] Device 0
VMON[0] Device 1
MSB – 12
13
IMON[11] Device 0
IMON[11] Device 1
MSB – 13
14
IMON[10] Device 0
IMON[10] Device 1
……
…
…
MSB – 23
24
IMON[0] Device 0
IMON[0] Device 1
MSB – 24
25
AMP_SHORT Device 0
AMP_SHORT Device 1
MSB – 25
26
OTW Device 0
OTW Device 1
MSB – 26
27
OTE Device 0
OTE Device 1
MSB – 27
28
VMONIMON_OVFL Device 0 VMONIMON_OVFL Device 1
MSB – 28
29
VPMON_OVFL Device 0
VPMON_OVFL Device 1
MSB – 29
30
PDN_DONE Device 0
PDN_DONE Device 1
MSB – 30
31
BOOST_CURLIM Device 0
BOOST_CURLIM Device 1
MSB – 31
32
LED_TIMERON Device 0
LED_TIMERON Device 1
Table 4-12. SDOUT Monitor Data Positioning (Two CS35L32s, DATCNF = 10)
Bit
Bit Number Left Channel Data Contents Right Channel Data Contents
MSB
1
VMON[15] Device 0
VMON[15] Device 1
MSB – 1
2
VMON[14] Device 0
VMON[14] Device 1
……
…
…
MSB – 15
16
VMON[0] Device 0
VMON[0] Device 1
MSB – 16
17
IMON[15] Device 0
IMON[15] Device 1
MSB – 17
18
IMON[14] Device 0
IMON[14] Device 1
……
…
…
MSB – 31
32
IMON[0] Device 0
IMON[0] Device 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com