Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS35L32 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS35L32
Description  Boosted Class D Amplifier with Speaker-Protection Monitoring and Flash LED Drivers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS35L32 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS35L32 Datasheet HTML 35Page - Cirrus Logic CS35L32 Datasheet HTML 36Page - Cirrus Logic CS35L32 Datasheet HTML 37Page - Cirrus Logic CS35L32 Datasheet HTML 38Page - Cirrus Logic CS35L32 Datasheet HTML 39Page - Cirrus Logic CS35L32 Datasheet HTML 40Page - Cirrus Logic CS35L32 Datasheet HTML 41Page - Cirrus Logic CS35L32 Datasheet HTML 42Page - Cirrus Logic CS35L32 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
DS963F5
39
CS35L32
7.13 ADSP Control
7.13 ADSP Control
Address 0x0F
R/W
7
654
32
10
ADSP_DRIVE
M/S
DATCNF[1:0]
SHARE
Default
0
010
00
00
Bits
Name
Description
7ADSP_
DRIVE
ADSP output drive strength. Selects the drive strength used for the ADSP outputs. These outputs include SDOUT as well as
SCLK and LRCK when the device is in Master Mode. Table 3-8 lists drive-strength specifications.
0 (Default) 1x
10.5x
6
M/S
ADSP Master/Slave Mode. Configures the ADSP I/O clocking. See Section 4.11.2 for details.
0 (Default) Slave (SCLK/LRCK input only)
1 Master (SCLK/LRCK output only)
5:4 DATCNF Data configuration for dual CS35L32 applications only. Determines the data packed in a two-CS35L32 configuration.
00 Left/right channels VMON[11:0], IMON[11:0], VPMON[7:0]. See Table 4-10.
01 Left/right channels VMON[11:0], IMON[11:0], STATUS. See Table 4-11.
10 (Default) left/right channels VMON[15:0], IMON [15:0]. See Table 4-12.
11 Left/right channels VPMON[7:0], STATUS. See Table 4-13.
3
SHARE SDOUT sharing. Determines whether one or two CS35L32 devices are on board sharing SDOUT.
0 (Default) One IC. Data configuration per Table 4-9.
1 Two ICs. For data configuration, refer to DATCNF (bits 5:4. above).
2:0
Reserved
7.14 Class D Amplifier Control
Address 0x10
R/W
7
654
32
10
AMP_GAIN[2:0]
GAIN_CHG_ZC
Default
0
001
01
00
Bits
Name
Description
7:6
Reserved
5:3 AMP_GAIN Amplifier gain. Configures the amplifier gain. Step size: ~3 dB
000 Mute (–80 dB)
001 9 dB
010 (Default) 12 dB
011 15 dB
100 18 dB
101–111 Reserved
2GAIN_
CHG_ZC
Gain change zero-cross. Configures when AMP_GAIN (see p. 39) changes are applied.
0 Changes are not aligned to zero crosses.
1 (Default) Changes are delayed to occur at zero crossings
1:0
Reserved
7.15 Protection Release Control
Address 0x11
R/W
765
4
3
2
1
0
AMP_SHORT_RLS
OTE_RLS
Default
0
0
0
0
0
0
0
0
Bits
Name
Description
7:3
Reserved
2AMP_
SHORT_
RLS
Amplifier short protection release. Releases amplifier short protection that places the device into Speaker-Safe Mode if the
amplifier short condition is no longer present, which can be determined by reading AMP_SHORT (see Section 7.19) twice.
0 (Default)
1
0
 1  0 sequence
If the amplifier short condition is present, Speaker-Safe Mode is applied.
After the sequence, if the short condition is no longer present, Speaker-Safe Mode is cleared unless
an OTE condition is active. During the sequence, short monitoring is inactive because the amplifier is
in an OFF state, as explained in Section 7.19. Short monitoring resumes after the sequence.
1—
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com