Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 12 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 12 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 8Page - SMSC Corporation LAN91C100FD Datasheet HTML 9Page - SMSC Corporation LAN91C100FD Datasheet HTML 10Page - SMSC Corporation LAN91C100FD Datasheet HTML 11Page - SMSC Corporation LAN91C100FD Datasheet HTML 12Page - SMSC Corporation LAN91C100FD Datasheet HTML 13Page - SMSC Corporation LAN91C100FD Datasheet HTML 14Page - SMSC Corporation LAN91C100FD Datasheet HTML 15Page - SMSC Corporation LAN91C100FD Datasheet HTML 16Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
Rev. 10/14/2002
Page 12
SMSC DS – LAN91C100FD Rev. D
PRELIMINARY
I/O4
Bidirectional buffer with 2mA source and 4mA sink
I/O24
Bidirectional buffer with 12mA source and 24mA sink
I
Input buffer with TTL levels
IS
Input buffer with Schmitt Trigger Hysteresis
Iclk
Clock input buffer
DC levels and conditions defined in the DC Electrical Characteristics section.
Table 3.1 - LAN91C100FD Pin Requirements
FUNCTION
PIN SYMBOLS
NUMBER OF PINS
System Address Bus
A1-A15, AEN, nBE0-nBE3
20
System Data Bus
D0-D31
32
System Control Bus
RESET, nADS, LCLK, ARDY,
nRDYRTN, nSRDY, INTR0-
INTR3, nLDEV, nRD, nWR,
nDATACS, nCYCLE, W/nR,
nVLBUS
17
Serial EEPROM
EEDI, EEDO, EECS, EESK,
ENEEP, IOS0-IOS2
8
RAM Data Bus
RD0-RD31
32
RAM Address Bus
RA2-RA16
15
RAM Control Bus
nROE, nRWE0-nRWE3,
RCVDMA, RDMAH
7
Crystal Oscillator
XTAL1, XTAL2
2
Power
VDD, AVDD
19
Ground
GND, AGND
21
External ENDEC 10 Mbps
TXEN, TXD, CRS, COL, RXD,
TXC, RXC, LBK, nLNK,
nFSTEP, AUISEL, MIISEL
12
Physical Interface 100 Mbps
TXEN100, CRS100, COL100,
RX_DV, RX_ER, TXD0-TXD3,
RXD0-RXD3, MDI, MDO, MCLK
16
Clocks
TX25, RX25
2
Miscellaneous
nCSOUT, nRXDISC
2
TOTAL
205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com