Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 77 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 77 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 71Page - SMSC Corporation LAN91C100FD Datasheet HTML 72Page - SMSC Corporation LAN91C100FD Datasheet HTML 73Page - SMSC Corporation LAN91C100FD Datasheet HTML 74Page - SMSC Corporation LAN91C100FD Datasheet HTML 75Page - SMSC Corporation LAN91C100FD Datasheet HTML 76Page - SMSC Corporation LAN91C100FD Datasheet HTML 77Page - SMSC Corporation LAN91C100FD Datasheet HTML 78Page - SMSC Corporation LAN91C100FD Datasheet HTML 79Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 77 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
SMSC DS – LAN91C100FD Rev. D
Page 77
Rev. 10/14/2002
PRELIMINARY
Chapter 10 Package Outlines
Figure 10.1 - 208 Pin QFP Package Outline
Table 10.1 - 208 Pin QFP Package Parameters
MIN
NOMINAL
MAX
REMARK
A
~
~
4.07
Overall Package Height
A1
0.05
~
0.5
Standoff
A2
3.17
~
3.67
Body Thickness
D
30.35
~
30.85
X Span
D1
27.90
~
28.10
X Body Size
E
30.35
~
30.85
Y Span
E1
27.90
~
28.10
Y body Size
H
0.09
~
0.20
Lead Frame Thickness
L
0.45
0.60
0.75
Lead Foot Length
L1
~
1.30
~
Lead Length
e
0.50 Basic
Lead Pitch
θ
0
o
~
7
o
Lead Foot Angle
W
0.10
~
0.30
Lead Width
R1
0.08
~
~
Lead Shoulder Radius
R2
0.08
~
0.25
Lead Foot Radius
ccc
~
~
0.08
Coplanarity
Notes:
1.
Controlling Unit: millimeter.
2.
Tolerance on the true position of the leads is ± 0.04 mm maximum.
3.
Package body dimensions D1 and E1 do not include the mold protrusion.
Maximum mold protrusion is 0.25 mm.
4.
Dimension for foot length L measured at the gauge plane 0.25 mm above the seating plane.
5.
Details of pin 1 identifier are optional but must be located within the zone indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com