Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 26 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 26 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 22Page - SMSC Corporation LAN91C100FD Datasheet HTML 23Page - SMSC Corporation LAN91C100FD Datasheet HTML 24Page - SMSC Corporation LAN91C100FD Datasheet HTML 25Page - SMSC Corporation LAN91C100FD Datasheet HTML 26Page - SMSC Corporation LAN91C100FD Datasheet HTML 27Page - SMSC Corporation LAN91C100FD Datasheet HTML 28Page - SMSC Corporation LAN91C100FD Datasheet HTML 29Page - SMSC Corporation LAN91C100FD Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
Rev. 10/14/2002
Page 26
SMSC DS – LAN91C100FD Rev. D
PRELIMINARY
PRMS - Promiscuous mode. When set receives all frames. Does not receive its own transmission unless
it is in Full Duplex!
RX_ABORT - This bit is set if a receive frame was aborted due to length longer than 2K bytes. The frame
will not be received. The bit is cleared by RESET or by the CPU writing it low.
Reserved - Must be 0.
BANK 0
OFFSET
NAME
TYPE
SYMBOL
6
COUNTER REGISTER
READ ONLY
ECR
Counts four parameters for MAC statistics. When any counter reaches 15 an interrupt is issued. All
counters are cleared when reading the register and do not wrap around beyond 15.
HIGH
BYTE
NUMBER OF EXC. DEFFERED TX
NUMBER OF DEFFERED TX
0
0
0
0
0
0
0
0
LOW
BYTE
MULTIPLE COLLISION COUNT
SINGLE COLLISION COUNT
0
0
0
0
0
0
0
0
Each four bit counter is incremented every time the corresponding event, as defined in the EPH STATUS
REGISTER bit description, occurs. Note that the counters can only increment once per enqueued transmit
packet, never faster, limiting the rate of interrupts that can be generated by the counters. For example if a
packet is successfully transmitted after one collision the SINGLE COLLISION COUNT field is incremented
by one. If a packet experiences between 2 to 16 collisions, the MULTIPLE COLLISION COUNT field is
incremented by one. If a packet experiences deferral the NUMBER OF DEFERRED TX field is
incremented by one, even if the packet experienced multiple deferrals during its collision retries.
The COUNTER REGISTER facilitates maintaining statistics in the AUTO RELEASE mode where no
transmit interrupts are generated on successful transmissions.
Reading the register in the transmit service routine will be enough to maintain statistics.
BANK 0
OFFSET
NAME
TYPE
SYMBOL
8
MEMORY INFORMATION
REGISTER
READ ONLY
MIR
HIGH
BYTE
FREE MEMORY AVAILABLE (IN BYTES * 256 * M)
1
1
1
1
1
1
1
1
LOW
BYTE
MEMORY SIZE (IN BYTES *256 * M)
1
1
1
1
1
1
1
1
FREE MEMORY AVAILABLE - This register can be read at any time to determine the amount of free
memory. The register defaults to the MEMORY SIZE upon reset or upon the RESET MMU command.
MEMORY SIZE - This register can be read to determine the total memory size.
All memory related information is represented in 256 * M byte units, where the multiplier M is determined
by the MCR upper byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com