Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 79 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 79 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 71Page - SMSC Corporation LAN91C100FD Datasheet HTML 72Page - SMSC Corporation LAN91C100FD Datasheet HTML 73Page - SMSC Corporation LAN91C100FD Datasheet HTML 74Page - SMSC Corporation LAN91C100FD Datasheet HTML 75Page - SMSC Corporation LAN91C100FD Datasheet HTML 76Page - SMSC Corporation LAN91C100FD Datasheet HTML 77Page - SMSC Corporation LAN91C100FD Datasheet HTML 78Page - SMSC Corporation LAN91C100FD Datasheet HTML 79Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 79 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
SMSC DS – LAN91C100FD Rev. D
Page 79
Rev. 10/14/2002
PRELIMINARY
Chapter 11 LAN91C100FD REV. D Revisions
PAGE(S)
SECTION/FIGURE/ENTRY
CORRECTION
DATE
REVISED
23
Bank 0 Offset 0—Transmit
Control Register
Modified the description of the FDUPLX bit and the
PAD_EN bit
09/01/02
30
Bank 2 Offset C—Interrupt
Status Register
Modified the description of the Interrupt Register bits
09/01/02
37
Figure 5.2 - Interrupt
Structure
Modified the interrupt structure figure
09/01/02
41
Typical Flow of Events for
Transmit (Auto Release =
0)
Modified the Transmit Flow Routine
09/01/02
77
Figure 10.1 - 208 Pin QFP
Package Outline
Modified the package outlines
09/01/02
78
Figure 10.2 - 208 Pin TQFP
Package Outlines
Modified the package outlines
09/01/02
65
Removed Application Note
Removed: Alliance AS7C256-15, Hyundai HY638256-
LJ15, Winbond 24257AJ-12, Cypress CY7C199-12VC,
Cypress CYC199-15VC
10/13/00
64
Operational Description
Supply Current Active Parameter - Changed Icc Type to
25 ma and Max Icc to 40 ma. Icsby (Standby current)
deleted.
06/27/00
7
Description of Pin
Functions
Pin 175 – Changed to active high signal.
06/01/00
24
Table under Bank 0
Changed RX_OVRN to 0 on High Byte row. Removed
references to RX_OVRN under table.
06/01/00
74
DC Electrical and Timing
Section
Updated SRAM Interface Timing information. Added
additional timing parameters.
01/28/00
64
Operational Description
Supply Current Active Parameter - Changed Icc Type to
25 ma and Max Icc to 40 ma. Icsby (Standby current)
deleted.
06/27/00
7
Operational
DescriptionDescription of
Pin Functions
Pin 175 – Changed to active high signal.
06/01/00
23
Table under Bank 0
Changed RX_OVRN to 0 on High Byte row. Removed
references to RX_OVRN under table.
06/01/00
74
DC Electrical and Timing
Section
Updated SRAM Interface Timing information. Added
additional timing parameters.
01/28/00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com