Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 61 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 61 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 57Page - SMSC Corporation LAN91C100FD Datasheet HTML 58Page - SMSC Corporation LAN91C100FD Datasheet HTML 59Page - SMSC Corporation LAN91C100FD Datasheet HTML 60Page - SMSC Corporation LAN91C100FD Datasheet HTML 61Page - SMSC Corporation LAN91C100FD Datasheet HTML 62Page - SMSC Corporation LAN91C100FD Datasheet HTML 63Page - SMSC Corporation LAN91C100FD Datasheet HTML 64Page - SMSC Corporation LAN91C100FD Datasheet HTML 65Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
SMSC DS – LAN91C100FD Rev. D
Page 61
Rev. 10/14/2002
PRELIMINARY
7.4
EISA 32 Bit SLAVEEISA 32 Bit Slave
On EISA the LAN91C100FD is accessed as a 32 bit I/O slave, along with a Slave DMA type "C" data path
option. As an I/O slave, the LAN91C100FD uses asynchronous accesses. In creating nRD and nWR
inputs, the timing information is externally derived from nCMD edges. Given that the access will be at least
1.5 to 2 clocks (more than 180ns at least) there is no need to negate EXRDY, simplifying the EISA
interface implementation. As a DMA Slave, the LAN91C100FD accepts burst transfers and is able to
sustain the peak rate of one doubleword every BCLK. Doubleword alignment is assumed for DMA
transfers. Up to three extra bytes in the beginning and at the end of the transfer should be moved by the
CPU using I/O accesses to the Data Register. The LAN91C100FD will sample EXRDY and postpone DMA
cycles if the memory cycle solicits wait states.
Table 7.3 - EISA 32 Bit Slave Signal Connections
EISA BUS
SIGNAL
LAN91C100FD
SIGNAL
NOTES
LA2-LA15
A2-A15
Address bus used for I/O space and register decoding,
latched by nADS (nSTART) trailing edge.
M/nIO
AEN
AEN
Qualifies valid I/O decoding - enabled access when low.
These signals are externally ORed. Internally the AEN pin is
latched by nADS rising edge and transparent while nADS is
low.
Latched W-R
combined with
nCMD
nRD
I/O Read strobe - asynchronous read accesses. Address is
valid before its leading edge. Must not be active during DMA
bursts if DMA is supported.
Latched W-R
combined with
nCMD
nWR
I/O Write strobe - asynchronous write access. Address is
valid before leading edge . Data latched on trailing edge.
Must not be active during DMA bursts if DMA is supported.
nSTART
nADS
Address strobe is connected to EISA nSTART.
RESDRV
RESET
nBE0 nBE1
nBE2 nBE3
nBE0 n BE1
nBE2 nBE3
Byte enables. Latched on nADS rising edge.
IRQn
INTR0-INTR3
Interrupts used as active high edge triggered
D0-D31
D0-D31
32 bit data bus. The bus byte(s) used to access the device
are a function of nBE0-nBE3:
nBE0
nBE1 nBE2
nBE3
0
0
0
0
Double word access
0
0
1
1
Low word access
1
1
0
0
High word access
0
1
1
1
Byte 0 access
1
0
1
1
Byte 1 access
1
1
0
1
Byte 2 access
1
1
1
0
Byte 3 access
Not used = tri-state on reads, ignored on writes. Note that
nBE2 and nBE3 override the value of A1, which is tied low in
this application. Other combinations of nBE are not
supported by the LAN91C100FD. Software drivers are not
anticipated to generate them.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com