Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 32 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 32 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 28Page - SMSC Corporation LAN91C100FD Datasheet HTML 29Page - SMSC Corporation LAN91C100FD Datasheet HTML 30Page - SMSC Corporation LAN91C100FD Datasheet HTML 31Page - SMSC Corporation LAN91C100FD Datasheet HTML 32Page - SMSC Corporation LAN91C100FD Datasheet HTML 33Page - SMSC Corporation LAN91C100FD Datasheet HTML 34Page - SMSC Corporation LAN91C100FD Datasheet HTML 35Page - SMSC Corporation LAN91C100FD Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
Rev. 10/14/2002
Page 32
SMSC DS – LAN91C100FD Rev. D
PRELIMINARY
Notes:
Bits N2,N1,N0 bits are ignored by the LAN91C100FD but should be used for command 0 to preserve software
compatibility with the LAN91C92 and future devices. They should be zero for all other commands.
When using the RESET TX FIFOS command, the CPU is responsible for releasing the memory associated with
outstanding packets, or re-enqueuing them. Packet numbers in the completion FIFO can be read via the FIFO ports
register before issuing the command.
MMU commands releasing memory (commands 4 and 5) should only be issued if the corresponding packet number
has memory allocated to it.
COMMAND SEQUENCING
A second allocate command (command 1) should not be issued until the present one has completed.
Completion is determined by reading the FAILED bit of the allocation result register or through the
allocation interrupt.
A second release command (commands 4, 5) should not be issued if the previous one is still being
processed. The BUSY bit indicates that a release command is in progress. After issuing command 5, the
contents of the PNR should not be changed until BUSY goes low. After issuing command 4, command 3
should not be issued until BUSY goes low.
BUSY BIT - Readable at bit 0 of the MMU command register address. When set indicates that MMU is still
processing a release command. When clear, MMU has already completed last release command. BUSY
and FAILED bits are set upon the trailing edge of command.
BANK 2
OFFSET
NAME
TYPE
SYMBOL
2
PACKET NUMBER REGISTER
READ/WRITE
PNR
0
0
PACKET NUMBER AT TX AREA
0
0
0
0
0
0
0
0
PACKET NUMBER AT TX AREA - The value written into this register determines which packet number is
accessible through the TX area. Some MMU commands use the number stored in this register as the
packet number parameter. This register is cleared by a RESET or a RESET MMU Command.
OFFSET
NAME
TYPE
SYMBOL
3
ALLOCATION RESULT REGISTER
READ ONLY
ARR
This register is updated upon an ALLOCATE MEMORY MMU command.
FAILED
0
ALLOCATED PACKET NUMBER
1
0
0
0
0
0
0
0
FAILED - A zero indicates a successful allocation completion. If the allocation fails the bit is set and only
cleared when the pending allocation is satisfied. Defaults high upon reset and reset MMU command. For
polling purposes, the ALLOC_INT in the Interrupt Status Register should be used because it is
synchronized to the read operation. Sequence:
1.
Allocate Command
2.
Poll ALLOC_INT bit until set
3.
Read Allocation Result Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com