Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 22 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 22 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 18Page - SMSC Corporation LAN91C100FD Datasheet HTML 19Page - SMSC Corporation LAN91C100FD Datasheet HTML 20Page - SMSC Corporation LAN91C100FD Datasheet HTML 21Page - SMSC Corporation LAN91C100FD Datasheet HTML 22Page - SMSC Corporation LAN91C100FD Datasheet HTML 23Page - SMSC Corporation LAN91C100FD Datasheet HTML 24Page - SMSC Corporation LAN91C100FD Datasheet HTML 25Page - SMSC Corporation LAN91C100FD Datasheet HTML 26Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
Rev. 10/14/2002
Page 22
SMSC DS – LAN91C100FD Rev. D
PRELIMINARY
The default bit values upon hard reset are highlighted below each register.
Table 5.1 - Internal I/O Space Mapping
BANK0
BANK1
BANK2
BANK3
0
TCR
CONFIG
MMU COMMAND
MT0-1
2
EPH STATUS
BASE
PNR
ARR
MT2-3
4
RCR
IA0-1
FIFO PORTS
MT4-5
6
COUNTER
IA2-3
POINTER
MT6-7
8
MIR
IA4-5
DATA
MGMT
A
MCR
GENERAL PURPOSE
DATA
REVISION
C
RESERVED (0)
CONTROL
INTERRUPT
ERCV
E
BANK SELECT
BANK SELECT
BANK SELECT
BANK SELECT
A special BANK (BANK7) exists to support the addition of external registers.
BANK SELECT REGISTER
OFFSET
NAME
TYPE
SYMBOL
E
BANK SELECT
REGISTER
READ/WRITE
BSR
HIGH
BYTE
0
0
1
1
0
0
1
1
0
0
1
1
0
0
1
1
LOW
BYTE
BS2
BS1
BS0
X
X
X
X
X
0
0
0
BS2, BS1, BS0 Determine the bank presently in use. This register is always accessible and is used to
select the register bank in use.
The upper byte always reads as 33h and can be used to help determine the I/O location of the
LAN91C100FD.
The BANK SELECT REGISTER is always accessible regardless of the value of BS0-2.
Note:
The bank select register can be accessed as a doubleword at offset Ch, as a word at offset Eh, or
as at offset Fh, however a doubleword write to offset Ch will write the BANK SELECT REGISTER
but will not write the registers Ch and Dh.
BANK 7 has no internal registers other than the BANK SELECT REGISTER itself. On valid cycles where
BANK7 is selected (BS0=BS1=BS2=1), and A3=0, nCSOUT is activated to facilitate implementation of
external registers.
Note:
BANK7 does not exist in LAN91C9x devices. For backward S/W compatibility BANK7 accesses should be
done if the Revision Control register indicates the device is the LAN91C100FD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com