Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 29 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 29 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 25Page - SMSC Corporation LAN91C100FD Datasheet HTML 26Page - SMSC Corporation LAN91C100FD Datasheet HTML 27Page - SMSC Corporation LAN91C100FD Datasheet HTML 28Page - SMSC Corporation LAN91C100FD Datasheet HTML 29Page - SMSC Corporation LAN91C100FD Datasheet HTML 30Page - SMSC Corporation LAN91C100FD Datasheet HTML 31Page - SMSC Corporation LAN91C100FD Datasheet HTML 32Page - SMSC Corporation LAN91C100FD Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
SMSC DS – LAN91C100FD Rev. D
Page 29
Rev. 10/14/2002
PRELIMINARY
LOW
BYTE
ADDRESS 0
0
0
0
0
0
0
0
0
HIGH
BYTE
ADDRESS 1
0
0
0
0
0
0
0
0
LOW
BYTE
ADDRESS 2
0
0
0
0
0
0
0
0
HIGH
BYTE
ADDRESS 3
0
0
0
0
0
0
0
0
LOW
BYTE
ADDRESS 4
0
0
0
0
0
0
0
0
HIGH
BYTE
ADDRESS 5
0
0
0
0
0
0
0
0
BANK 1
OFFSET
NAME
TYPE
SYMBOL
A
GENERAL PURPOSE REGISTER
READ/WRITE
GPR
HIGH
BYTE
HIGH DATA BYTE
0
0
0
0
0
0
0
0
LOW
BYTE
LOW DATA BYTE
0
0
0
0
0
0
0
0
This register can be used as a way of storing and retrieving non-volatile information in the EEPROM to be
used by the software driver. The storage is word oriented, and the EEPROM word address to be read or
written is specified using the six lowest bits of the Pointer Register.
This register can also be used to sequentially program the Individual Address area of the EEPROM, that is
normally protected from accidental Store operations.
This register will be used for EEPROM read and write only when the EEPROM SELECT bit in the Control
Register is set. This allows generic EEPROM read and write routines that do not affect the basic setup of
the LAN91C100FD.
BANK 1
OFFSET
NAME
TYPE
SYMBOL
C
CONTROL REGISTER
READ/WRITE
CTR
HIGH
BYTE
0
RCV_ BAD
0
1
AUTO
RELEASE
0
1
0
0
0
0
1
0
0
1
0
LOW
BYTE
LE
ENABLE
CR
ENABLE
TE
ENABLE
1
0
EEPROM
SELECT
RELOAD
STORE
0
0
0
1
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com