Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 6 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 6 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 2Page - SMSC Corporation LAN91C100FD Datasheet HTML 3Page - SMSC Corporation LAN91C100FD Datasheet HTML 4Page - SMSC Corporation LAN91C100FD Datasheet HTML 5Page - SMSC Corporation LAN91C100FD Datasheet HTML 6Page - SMSC Corporation LAN91C100FD Datasheet HTML 7Page - SMSC Corporation LAN91C100FD Datasheet HTML 8Page - SMSC Corporation LAN91C100FD Datasheet HTML 9Page - SMSC Corporation LAN91C100FD Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
Rev. 10/14/2002
Page 6
SMSC DS – LAN91C100FD Rev. D
PRELIMINARY
Chapter 2 Pin Configuration
LNK
TXEN
XTAL1
XTAL2
VDD
MIISEL
nCSOUT
nRXDISC
TX25
VDD
RX_ER
RX_DV
IOS0
GND
IOS1
IOS2
RX25
COL100
CRS100
RXD0
RXD1
RXD2
VDD
RXD3
TXD0
TXD1
VDD
TXD2
TXD3
TXEN100
nRWE0
GND
RD7
RD6
RD5
RD4
RDMAH
RD3
RD2
RD1
VDD
RD0
RD15
RD14
RD13
GND
RD12
RD11
RD10
GND
ENEEP
EEDO
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
D8
VDD
D9
D10
D11
D12
GND
D13
D14
D15
GND
D16
VDD
D17
D18
D19
GND
D20
D21
VDD
D22
D23
GND
D24
GND
VDD
D25
D26
GND
D27
D28
D29
D30
GND
D31
nRDYRTN
nLDEV
VDD
nSRDY
LCLK
156
155
154
153
152
151
150
149
148
147
146
145
144
143
142
141
140
139
138
137
136
135
134
133
132
131
130
129
128
127
126
125
124
123
122
121
120
119
118
117
116
115
114
113
112
111
110
109
108
107
106
105
LAN91C100FD
208 Pin PQFP
and TQFP
LAN91C100FD
208 Pin QFP
and TQFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com