Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 7 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 7 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 3Page - SMSC Corporation LAN91C100FD Datasheet HTML 4Page - SMSC Corporation LAN91C100FD Datasheet HTML 5Page - SMSC Corporation LAN91C100FD Datasheet HTML 6Page - SMSC Corporation LAN91C100FD Datasheet HTML 7Page - SMSC Corporation LAN91C100FD Datasheet HTML 8Page - SMSC Corporation LAN91C100FD Datasheet HTML 9Page - SMSC Corporation LAN91C100FD Datasheet HTML 10Page - SMSC Corporation LAN91C100FD Datasheet HTML 11Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
SMSC DS – LAN91C100FD Rev. D
Page 7
Rev. 10/14/2002
PRELIMINARY
Chapter 3 Description of Pin Functions
PQFP/TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
148-159
Address
A4-A15
I
Input. Decoded by LAN91C100FD to determine
access to its registers.
145-147
Address
A1-A3
I
Input. Used by LAN91C100FD for internal
register selection.
193
Address
Enable
AEN
I
Input. Used as an address qualifier. Address
decoding is only enabled when AEN is low.
160-163
nByte
Enable
nBE0-
nBE3
I
Input. Used during LAN91C100FD register
accesses to determine the width of the access
and the register(s) being accessed. nBE0-nBE3
are ignored when nDATACS is low (burst
accesses) because 32 bit transfers are
assumed.
173-170,
168-166,
164, 144,
142-139,
137-135,
133,
131-129,
127, 126,
124, 123,
121, 118,
117,
115-112,
110
Data Bus
D0-D31
I/O24
Bidirectional. 32 bit data bus used to access the
LAN91C100FD’s internal registers. Data bus
has weak internal pullups. Supports direct
connection to the system bus without external
buffering. For 16 bit systems, only D0-D15 are
used.
182
Reset
RESET
IS
Input. This input is not considered active unless
it is active for at least 100ns to filter narrow
glitches.
95
nAddress
Strobe
nADS
IS
Input. For systems that require address latching,
the rising edge of nADS indicates the latching
moment for A1-A15 and AEN. All
LAN91C100FD internal functions of A1-A15,
AEN are latched except for nLDEV decoding.
183
nCycle
nCYCLE
I
Input. This active low signal is used to control
LAN91C100FD EISA burst mode synchronous
bus cycles.
184
Write/
nRead
W/nR
IS
Input. Defines the direction of synchronous
cycles. Write cycles when high, read cycles
when low.
181
nVL Bus
Access
nVLBUS
I with
pullup
Input. When low, the LAN91C100FD
synchronous bus interface is configured for VL
Bus accesses. Otherwise, the LAN91C100FD is
configured for EISA DMA burst accesses. Does
not affect the asynchronous bus interface.
105
Local Bus
Clock
LCLK
I
Input. Used to interface synchronous buses.
Maximum frequency is 50 MHz. Limited to 8.33
MHz for EISA DMA burst mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com