Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 64 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 64 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 60Page - SMSC Corporation LAN91C100FD Datasheet HTML 61Page - SMSC Corporation LAN91C100FD Datasheet HTML 62Page - SMSC Corporation LAN91C100FD Datasheet HTML 63Page - SMSC Corporation LAN91C100FD Datasheet HTML 64Page - SMSC Corporation LAN91C100FD Datasheet HTML 65Page - SMSC Corporation LAN91C100FD Datasheet HTML 66Page - SMSC Corporation LAN91C100FD Datasheet HTML 67Page - SMSC Corporation LAN91C100FD Datasheet HTML 68Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
Rev. 10/14/2002
Page 64
SMSC DS – LAN91C100FD Rev. D
PRELIMINARY
Chapter 8 Operational Description
8.1
Maximum Guaranteed Ratings*
Operating Temperature Range ............................................................................................... 0 EC to +70EC
Storage Temperature Range ............................................................................................-55EC°to + 150EC
Lead Temperature Range (soldering, 10 seconds) ........................................................................... +325EC
Positive Voltage on any pin, with respect to Ground .....................................................................V
CC
+ 0.3V
Negative Voltage on any pin, with respect to Ground ........................................................................... -0.3V
Maximum V
CC
.......................................................................................................................................... +7V
* Stresses above those listed above could cause permanent damage to the device. This is a stress rating only and
functional operation of the device at any other condition above those indicated in the operation sections of this
specification is not implied.
Note:
When powering this device from laboratory or system power supplies, it is important that the Absolute
Maximum Ratings not be exceeded or device failure can result. Some power supplies exhibit voltage
spikes on their outputs when the AC power is switched on or off. In addition, voltage transients on the AC
power line may appear on the DC output. If this possibility exists, it is suggested that a clamp circuit be
used.
8.2
DC Electrical Characteristics
(T
A
= 0EC - 70EC, V
CC
= +5.0 V ± 10%)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
I Type Input Buffer
Low Input Level
High Input Level
V
ILI
V
IHI
2.0
0.8
V
V
TTL Levels
IS Type Input Buffer
Low Input Level
High Input Level
Schmitt Trigger Hysteresis
V
ILIS
V
IHIS
V
HYS
2.2
250
0.8
V
V
mV
Schmitt Trigger
Schmitt Trigger
I
CLK
Input Buffer
Low Input Level
High Input Level
V
ILCK
V
IHCK
3.0
0.4
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com