Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 11 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 11 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 7Page - SMSC Corporation LAN91C100FD Datasheet HTML 8Page - SMSC Corporation LAN91C100FD Datasheet HTML 9Page - SMSC Corporation LAN91C100FD Datasheet HTML 10Page - SMSC Corporation LAN91C100FD Datasheet HTML 11Page - SMSC Corporation LAN91C100FD Datasheet HTML 12Page - SMSC Corporation LAN91C100FD Datasheet HTML 13Page - SMSC Corporation LAN91C100FD Datasheet HTML 14Page - SMSC Corporation LAN91C100FD Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
SMSC DS – LAN91C100FD Rev. D
Page 11
Rev. 10/14/2002
PRELIMINARY
PQFP/TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
20, 21, 22,
24
Receive
Data
RXD0-
RXD3
I
Inputs. Received Data nibble from MII PHY.
These pins are ignored when MIISEL is low.
198
Manage-
ment Data
Input
MDI
I with
pulldown
MII management data input.
196
Manage-
ment Data
Output
MDO
O4
MII management data output.
192
Manage-
ment
Clock
MCLK
O4
MII management clock.
11
Receive
Error
RX_ER
I with
pulldown
Input. Indicates a code error detected by PHY.
Used by the LAN91C100FD to discard the
packet being received. The error indication
reported for this event is the same as a bad CRC
(Receive Status Word bit 13). This pin is
ignored when MIISEL is low.
7
nChip
Select
Output
nCSOUT
O4
Output. Chip Select provided for mapping of
PHY functions into LAN91C100FD decoded
space. Active on accesses to LAN91C100FD’s
eight lower addresses when the BANK
SELECTED is 7.
8
nReceive
Packet
Discard
nRXDISC
I with
pullup
Input. Used to discard the receive packet being
stored in memory. Assertion of the pin during a
packet reception results in the interruption of
packet reception into memory. The memory
allocated to the packet and the packet number in
use are freed. The input is driven
asynchronously and is synchronized internally by
the LAN91C100FD. Pin assertion may take
place at any time during the receive DMA
packet. The assertion has no effect if there is no
packet being DMAed to memory or if asserted
during the last DMA write to memory. Works for
both MII and ENDEC. The typical use of
nRXDISC is with the LAN91C100FD in PRMS
mode with an external associative memory use
for address filtering. *Note: The pin must be
asserted for a minimum of 80ns.
37
RDMAH
O4
Output. Active when the first dword of the
address is written (RCVDMA=1, RA10-RA4=0,
RA3-RA2=X).
Buffer Types
O4
Output buffer with 2mA source and 4mA sink
O12
Output buffer with 6mA source and 12mA sink
O16
Output buffer with 8mA source and 16mA sink
O24
Output buffer with 12mA source and 24mA sink
OD16
Open drain buffer with 16mA sink



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com