Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 35 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 35 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 31Page - SMSC Corporation LAN91C100FD Datasheet HTML 32Page - SMSC Corporation LAN91C100FD Datasheet HTML 33Page - SMSC Corporation LAN91C100FD Datasheet HTML 34Page - SMSC Corporation LAN91C100FD Datasheet HTML 35Page - SMSC Corporation LAN91C100FD Datasheet HTML 36Page - SMSC Corporation LAN91C100FD Datasheet HTML 37Page - SMSC Corporation LAN91C100FD Datasheet HTML 38Page - SMSC Corporation LAN91C100FD Datasheet HTML 39Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
SMSC DS – LAN91C100FD Rev. D
Page 35
Rev. 10/14/2002
PRELIMINARY
OFFSET
NAME
TYPE
SYMBOL
C
INTERRUPT ACKNOWLEDGE
REGISTER
WRITE ONLY
ACK
RX_DISC
INT
ERCV INT
RX_OVRN
INT
TX EMPTY
INT
TX INT
OFFSET
NAME
TYPE
SYMBOL
D
INTERRUPT MASK REGISTER
READ/WRITE
MSK
RX_DISC
INT
ERCV INT
EPH INT
RX_OVRN
INT
ALLOC
INT
TX EMPTY
INT
TX INT
RCV INT
0
0
0
0
0
0
0
0
This register can be read and written as a word or as two individual bytes.
The Interrupt Mask Register bits enable the appropriate bits when high and disable them when low. A
MASK bit being set will cause a hardware interrupt.
Note:
The Bit 7 mask must never be written high (1).
RX_DISC INT - Set when the nRXDISC PIN COUNTER in the ERCV register increments to a value of FF.
The RX_DISC INT bit latches the condition for the purpose of being polled or generating an interrupt, and
will only be cleared by writing the acknowledge register with the RX_DISC INT bit set.
ERCV INT - Early receive interrupt. Set whenever a receive packet is being received, and the number of
bytes received into memory exceeds the value programmed as ERCV THRESHOLD (Bank 3, Offset Ch).
ERCV INT stays set until acknowledged by writing the INTERRUPT ACKNOWLEDGE REGISTER with the
ERCV INT bit set.
EPH INT - Set when the Ethernet Protocol Handler section indicates one out of various possible special
conditions. This bit merges exception type of interrupt sources, whose service time is not critical to the
execution speed of the low level drivers. The exact nature of the interrupt can be obtained from the EPH
Status Register (EPHSR), and enabling of these sources can be done via the Control Register. The
possible sources are:
1.
LINK - Link Test transition
2.
CTR_ROL - Statistics counter roll over
3.
TXENA cleared - A fatal transmit error occurred forcing TXENA to be cleared. TX_SUC will be low
and the specific reason will be reflected by the bits:
3.1
TXUNRN - Transmit under-run
3.2
SQET - SQE Error
3.3
LOST CARR - Lost Carrier
3.4
LATCOL - Late Collision
3.5
16COL - 16 collisions
Any of the above interrupt sources can be masked by the appropriate ENABLE bits in the Control Register.
1) LE ENABLE (Link Error Enable), 2) CR ENABLE (Counter Roll Over), 3) TE ENABLE (Transmit Error
Enable)
EPH INT will only be cleared by the following methods:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com