Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 56 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 56 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 52Page - SMSC Corporation LAN91C100FD Datasheet HTML 53Page - SMSC Corporation LAN91C100FD Datasheet HTML 54Page - SMSC Corporation LAN91C100FD Datasheet HTML 55Page - SMSC Corporation LAN91C100FD Datasheet HTML 56Page - SMSC Corporation LAN91C100FD Datasheet HTML 57Page - SMSC Corporation LAN91C100FD Datasheet HTML 58Page - SMSC Corporation LAN91C100FD Datasheet HTML 59Page - SMSC Corporation LAN91C100FD Datasheet HTML 60Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
Rev. 10/14/2002
Page 56
SMSC DS – LAN91C100FD Rev. D
PRELIMINARY
Chapter 7 Application Considerations
The LAN91C100FD is envisioned to fit a few different bus types. This section describes the basic
guidelines, system level implications and sample configurations for the most relevant bus types. All
applications are based on buffered architectures with a private SRAM bus.
7.1
Fast Ethernet Slave Adapter
Slave non-intelligent board implementing 100 Mbps and 10 Mbps speeds.
Adapter requires:
a) LAN91C100FD chip
b) Four SRAMs (32k x 8 - 25ns)
c)
Serial EEPROM (93C46)
d) Mbps ENDEC and transceiver chip
e) Mbps MII compliant PHY
f)
Some bus specific glue logic
Target systems:
a) VL Local Bus 32 bit systems
b) High-end ISA or non-burst EISA machines
c)
EISA 32 bit slave
7.2
VL Local Bus 32 Bit Systems
On VL Local Bus and other 32 bit embedded systems the LAN91C100FD is accessed as a 32 bit
peripheral in terms of the bus interface. All registers except the DATA REGISTER will be accessed using
byte or word instructions. Accesses to the DATA REGISTER could use byte, word, or dword instructions.
Table 7.1 - VL Local Bus Signal Connections
VL BUS
SIGNAL
LAN91C100
SIGNAL
NOTES
A2-A15
A2-A15
Address bus used for I/O space and register decoding, latched
by nADS rising edge, and transparent on nADS low time.
M/nIO
AEN
Qualifies valid I/O decoding - enabled access when low. This
signal is latched by nADS rising edge and transparent on nADS
low time.
W/nR
W/nR
Direction of access. Sampled by the LAN91C100FD on first
rising clock that has nCYCLE active. High on writes, low on
reads.
nRDYRTN
nRDYRTN
Ready return. Direct connection to VL bus.
nLRDY
nSRDY and
some logic
nSRDY has the appropriate functionality and timing to create the
VL nLRDY except that nLRDY behaves like an open drain output
most of the time.
LCLK
LCLK
Local Bus Clock. Rising edges used for synchronous bus
interface transactions.
nRESET
RESET
Connected via inverter to the LAN91C100FD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com