| Electronic Components Datasheet Search |
|
LAN91C100FD Datasheet(PDF) 53 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN91C100FD Datasheet(HTML) 53 Page - SMSC Corporation |
|
53 / 79 page ![]() FEAST Fast Ethernet Controller with Full Duplex Capability SMSC DS – LAN91C100FD Rev. D Page 53 Rev. 10/14/2002 PRELIMINARY Chapter 6 Board Setup Information The following parameters are obtained from the EEPROM as board setup information: ETHERNET INDIVIDUAL ADDRESS I/O BASE ADDRESS 10BASET or AUI INTERFACE MII or ENDEC INTERFACE INTERRUPT LINE SELECTION All the above mentioned values are read from the EEPROM upon hardware reset. Except for the INDIVIDUAL ADDRESS, the value of the IOS switches determines the offset within the EEPROM for these parameters, in such a way that many identical boards can be plugged into the same system by just changing the IOS jumpers. In order to support a software utility based installation, even if the EEPROM was never programmed, the EEPROM can be written using the LAN91C100FD. One of the IOS combination is associated with a fixed default value for the key parameters (I/O BASE, INTERRUPT) that can always be used regardless of the EEPROM based value being programmed. This value will be used if all IOS pins are left open or pulled high. The EEPROM is arranged as a 64 x 16 array. The specific target device is the 9346 1024-bit Serial EEPROM. All EEPROM accesses are done in words. All EEPROM addresses in the spec are specified as word addresses. REGISTER EEPROM WORD ADDRESS Configuration Register Base Register IOS Value * 4 (IOS Value * 4) + 1 INDIVIDUAL ADDRESS 20-22 hex If IOS2-IOS0 = 7, only the INDIVIDUAL ADDRESS is read from the EEPROM. Currently assigned values are assumed for the other registers. These values are default if the EEPROM read operation follows hardware reset. The EEPROM SELECT bit is used to determine the type of EEPROM operation: a) normal or b) general purpose register. a) NORMAL EEPROM OPERATION - EEPROM SELECT bit = 0 On EEPROM read operations (after reset or after setting RELOAD high) the CONFIGURATION REGISTER and BASE REGISTER are updated with the EEPROM values at locations defined by the IOS2-0 pins. The INDIVIDUAL ADDRESS registers are updated with the values stored in the INDIVIDUAL ADDRESS area of the EEPROM. On EEPROM write operations (after setting the STORE bit) the values of the CONFIGURATION REGISTER and BASE REGISTER are written in the EEPROM locations defined by the IOS2-IOS0 pins. The three least significant bits of the CONTROL REGISTER (EEPROM SELECT, RELOAD and STORE) are used to control the EEPROM. Their values are not stored nor loaded from the EEPROM. b) GENERAL PURPOSE REGISTER - EEPROM SELECT bit = 1 On EEPROM read operations (after setting RELOAD high) the EEPROM word address defined by the POINTER REGISTER 6 least significant bits is read into the GENERAL PURPOSE REGISTER. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |