Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 66 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 66 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 62Page - SMSC Corporation LAN91C100FD Datasheet HTML 63Page - SMSC Corporation LAN91C100FD Datasheet HTML 64Page - SMSC Corporation LAN91C100FD Datasheet HTML 65Page - SMSC Corporation LAN91C100FD Datasheet HTML 66Page - SMSC Corporation LAN91C100FD Datasheet HTML 67Page - SMSC Corporation LAN91C100FD Datasheet HTML 68Page - SMSC Corporation LAN91C100FD Datasheet HTML 69Page - SMSC Corporation LAN91C100FD Datasheet HTML 70Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
Rev. 10/14/2002
Page 66
SMSC DS – LAN91C100FD Rev. D
PRELIMINARY
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
COMMENTS
O24 Type Buffer
Low Output Level
High Output Level
Output Leakage
V
OL
V
OH
I
OL
2.4
-10
0.5
+10
V
V
µA
I
OL
= 24 mA
I
OH
= -12 mA
V
IN
= 0 to V
CC
I/O24 Type Buffer
Low Output Level
High Output Level
Output Leakage
V
OL
V
OH
I
OL
2.4
-10
0.5
+10
V
V
µA
I
OL
= 24 mA
I
OH
= -12 mA
V
IN
= 0 to V
CC
Supply Current Active
I
CC
25
40
mA
All Outputs Open
CAPACITANCE T
A
= 25EC; fc = 1MHz; V
CC
= 5V
LIMITS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITION
Clock Input Capacitance
C
IN
20
pF
All pins except pin
under test tied to
AC ground
Input Capacitance
C
IN
10
pF
Output Capacitance
C
OUT
20
pF
CAPACITIVE LOAD ON OUTPUTS
nARDY, D0-D31 (non VLBUS)
240 pF
D0-D31 in VLBUS
45 pF
All other outputs
45 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com