Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 10 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 10 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 6Page - SMSC Corporation LAN91C100FD Datasheet HTML 7Page - SMSC Corporation LAN91C100FD Datasheet HTML 8Page - SMSC Corporation LAN91C100FD Datasheet HTML 9Page - SMSC Corporation LAN91C100FD Datasheet HTML 10Page - SMSC Corporation LAN91C100FD Datasheet HTML 11Page - SMSC Corporation LAN91C100FD Datasheet HTML 12Page - SMSC Corporation LAN91C100FD Datasheet HTML 13Page - SMSC Corporation LAN91C100FD Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
Rev. 10/14/2002
Page 10
SMSC DS – LAN91C100FD Rev. D
PRELIMINARY
PQFP/TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
201
Transmit
Data
TXD
O4
Output. NRZ Transmit Data for 10 Mbps
ENDEC interface.
208
Carrier
Sense
CRS
I with
pulldown
Input. Carrier sense from 10 Mbps ENDEC
interface. This pin is ignored when MIISEL is
high.
207
Collision
Detect
COL
I with
pulldown
Input. Collision detection indication from 10
Mbps ENDEC interface. This pin is ignored
when MIISEL is high.
206
Receive
Data
RXD
I with
pullup
Input. NRZ Receive Data from 10 Mbps ENDEC
interface. This pin is ignored when MIISEL is
high.
197
Transmit
Clock
TXC
I with
pullup
Input. 10 MHz transmit clock used in 10 Mbps
operation. This pin is ignored when MIISEL is
high.
199
Receive
Clock
RXC
I with
pullup
Input. 10 MHz receive clock recovered by the 10
Mbps ENDEC. This pin is ignored when MIISEL
is high.
202
Loopback
LBK
O4
Output. Active when LOOP bit is set (TCR bit 1).
Independent of port selection (MIISEL=X).
1
nLink
Status
nLNK
I with
pullup
Input. General purpose input port used to
convey LINK status (EPHSR bit 14).
Independent of port selection (MIISEL=X).
195
nFullstep
nFSTEP
O4
Output. Non volatile output pin. Driven by
inverse of FULLSTEP (CONFIG bit 10).
Independent of port selection (MIISEL=X).
6
MII Select
MIISEL
O4
Output. Non volatile output pin. Driven by MII
SELECT (CONFIG bit 15). High indicates the
MII port is selected, low indicates the 10 Mbps
ENDEC is selected.
194
AUI Select
AUISEL
O4
Output. Non volatile output pin. Driven by AUI
SELECT (CONFIG bit 8). Independent of port
selection (MIISEL= X).
30
Transmit
Enable
100 Mbps
TXEN100
O12
Output to MII PHY. Envelope to 100 Mbps
transmission. This pin stays low if MIISEL is low.
19
Carrier
Sense 100
Mbps
CRS100
I with
pulldown
Input from MII PHY. Envelope of packet
reception used for deferral and backoff
purposes. This pin is ignored when MIISEL is
low.
12
Receive
Data Valid
RX_DV
I with
pulldown
Input from MII PHY. Envelope of data valid
reception. Used for receive data framing. This
pin is ignored when MIISEL is low.
18
Collision
Detect
100 Mbps
COL100
I with
pulldown
Input from MII PHY. Collision detection input.
This pin is ignored when MIISEL is low.
25, 26, 28,
29
Transmit
Data
TXD0-
TXD3
O12
Outputs. Transmit Data nibble to MII PHY.
9
Transmit
Clock
TX25
I with
pullup
Input. Transmit clock input from MII. Nibble rate
clock (25 MHz). This pin is ignored when
MIISEL is low.
17
Receive
Clock
RX25
I with
pullup
Input. Receive clock input from MII PHY. Nibble
rate clock. This pin is ignored when MIISEL is
low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com