Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 15 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 15 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 11Page - SMSC Corporation LAN91C100FD Datasheet HTML 12Page - SMSC Corporation LAN91C100FD Datasheet HTML 13Page - SMSC Corporation LAN91C100FD Datasheet HTML 14Page - SMSC Corporation LAN91C100FD Datasheet HTML 15Page - SMSC Corporation LAN91C100FD Datasheet HTML 16Page - SMSC Corporation LAN91C100FD Datasheet HTML 17Page - SMSC Corporation LAN91C100FD Datasheet HTML 18Page - SMSC Corporation LAN91C100FD Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
SMSC DS – LAN91C100FD Rev. D
Page 15
Rev. 10/14/2002
PRELIMINARY
Chapter 4 Functional Description
4.1
Description of Block
4.1.1
Clock Generator Block
1.
The XTAL1 and XTAL2 pins are to be connected to a 25 MHz crystal.
2.
TXCLK and RXCLK are 10 MHz clock inputs. These clocks are generated by the external ENDEC in 10 Mbps
mode and are only used by the CSMA/CD block.
3.
TX25 is an input clock. It will be the nibble rate of the particular PHY connected to the MII (2.5 MHz for a 10
Mbps PHY, and 25 MHz for a 100 Mbps PHY).
4.
RX25 - This is the MII nibble rate receive clock used for sampling received data nibbles and running the receive
state machine. (2.5 MHz for a 10 Mbps PHY, and 25 MHz for a 100 Mbps PHY).
5.
LCLK - Bus clock - Used by the BIU for synchronous accesses. Maximum frequency is 50 MHz for VL BUS
mode, and 8.33 MHz for EISA slave DMA.
4.2
CSMA/CD BLOCK
This is a 16 bit oriented block, with fully- independent Transmit and Receive logic. The data path in and out
of the block consists of two 16-bit wide uni-directional FIFOs interfacing the DMA block. The DMA port of
the FIFO stores 32 bits to exploit the 32 bit data path into memory, but the FIFOs themselves are 16 bit
wide. The Control Path consists of a set of registers interfaced to the CPU via the BIU.
4.2.1
DMA Block
This block accesses packet memory on the CSMA/CD’s behalf, fetching transmit data and storing received
data. It interfaces the CSMA/CD Transmit and Receive FIFOs on one side, and the Arbiter block on the
other. To increase the bandwidth into memory, a 50 MHz clock is used by the DMA block, and the data
path is 32 bits wide.
For example, during active reception at 100 Mbps, the CSMA/CD block will write a word into the Receive
FIFO every 160ns. The DMA will read the FIFO and accumulate two words on the output port to request a
memory cycle from the Arbiter every 320ns.
DMA will discard a packet if nRXDISC is asserted for a minimum of 80ns during a reception. If asserted
late, the DMA will receive the packet normally. The nRXDISC is defined valid for the DMA interface for as
long as the RCVDMA signal is active.
The DMA machine is able to support full duplex operation. Independent receive and transmit counters are
used. Transmit and receive cycles are alternated when simultaneous receive and transmit accesses are
needed.
4.2.2
Arbiter Block
The Arbiter block sequences accesses to packet RAM requested by the BIU and by the DMA blocks. BIU
requests represent pipelined CPU accesses to the Data Register, while DMA requests represent
CSMA/CD data movement. The external memory used is a 25ns SRAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com