Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 24 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 24 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 20Page - SMSC Corporation LAN91C100FD Datasheet HTML 21Page - SMSC Corporation LAN91C100FD Datasheet HTML 22Page - SMSC Corporation LAN91C100FD Datasheet HTML 23Page - SMSC Corporation LAN91C100FD Datasheet HTML 24Page - SMSC Corporation LAN91C100FD Datasheet HTML 25Page - SMSC Corporation LAN91C100FD Datasheet HTML 26Page - SMSC Corporation LAN91C100FD Datasheet HTML 27Page - SMSC Corporation LAN91C100FD Datasheet HTML 28Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
Rev. 10/14/2002
Page 24
SMSC DS – LAN91C100FD Rev. D
PRELIMINARY
LOOP - Loopback. General purpose output port used to control the LBK pin. Typically used to put the PHY
chip in loopback mode.
TXENA - Transmit enabled when set. Transmit is disabled if clear. When the bit is cleared the
LAN91C100FD will complete the current transmission before stopping. When stopping due to an error, this
bit is automatically cleared.
BANK 0
OFFSET
NAME
TYPE
SYMBOL
2
EPH STATUS REGISTER
READ ONLY
EPHSR
This register stores the status of the last transmitted frame. This register value, upon individual transmit
packet completion, is stored as the first word in the memory area allocated to the packet. Packet interrupt
processing should use the copy in memory as the register itself will be updated by subsequent packet
transmissions. The register can be used for real time values (like TXENA and LINK OK). If TXENA is
cleared the register holds the last packet completion status.
HIGH
BYTE
TX
UNRN
LINK_
OK
0
CTR
_ROL
EXC
_DEF
LOST
CARR
LATCOL
0
0
-nLNK
pin
0
0
0
0
0
0
LOW
BYTE
TX
DEFR
LTX
BRD
SQET
16COL
LTX
MULT
MUL
COL
SNGL
COL
TX_SUC
0
0
0
0
0
0
0
0
TXUNRN - Transmit Under Run. Set if under run occurs, it also clears TXENA bit in TCR. Cleared by
setting TXENA high. This bit may only be set if early TX is being used.
LINK_OK - General purpose input port driven by nLNK pin inverted. Typically used for Link Test. A
transition on the value of this bit generates an interrupt.
CTR_ROL - Counter Roll Over. When set one or more 4 bit counters have reached maximum count (15).
Cleared by reading the ECR register.
EXC_DEF - Excessive Deferral. When set last/ current transmit was deferred for more than 1518 * 2 byte
times. Cleared at the end of every packet sent.
LOST_CARR - Lost Carrier Sense. When set indicates that Carrier Sense was not present at end of
preamble. Valid only if MON_CSN is enabled. This condition causes TXENA bit in TCR to be reset.
Cleared by setting TXENA bit in TCR.
LATCOL - Late collision detected on last transmit frame. If set a late collision was detected (later than 64
byte times into the frame). When detected the transmitter jams and turns itself off clearing the TXENA bit
in TCR. Cleared by setting TXENA in TCR.
TX_DEFR - Transmit Deferred. When set, carrier was detected during the first 6.4
µs of the inter frame
gap. Cleared at the end of every packet sent.
LTX_BRD - Last transmit frame was a broadcast. Set if frame was broadcast. Cleared at the start of every
transmit frame.
SQET - Signal Quality Error Test. In MII, SQET bit is always set after first transmit, except if SWFDUP=1.
As a consequence, the STP_SQET bit in the TCR register cannot be set as it will always result in transmit
fatal error. In non-MII systems, the transmitter opens a 1.6
µs window 0.8 µs after transmission is
completed and the receiver returns inactive. During this window, the transmitter expects to see the SQET
signal from the transceiver. The absence of this signal is a 'Signal Quality Error' and is reported in this



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com