Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 8 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 8 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 4Page - SMSC Corporation LAN91C100FD Datasheet HTML 5Page - SMSC Corporation LAN91C100FD Datasheet HTML 6Page - SMSC Corporation LAN91C100FD Datasheet HTML 7Page - SMSC Corporation LAN91C100FD Datasheet HTML 8Page - SMSC Corporation LAN91C100FD Datasheet HTML 9Page - SMSC Corporation LAN91C100FD Datasheet HTML 10Page - SMSC Corporation LAN91C100FD Datasheet HTML 11Page - SMSC Corporation LAN91C100FD Datasheet HTML 12Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
Rev. 10/14/2002
Page 8
SMSC DS – LAN91C100FD Rev. D
PRELIMINARY
PQFP/TQFP
PIN NO.
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
175
Asynchron-
ous Ready
ARDY
OD16
Open drain output. ARDY may be used when
interfacing asynchronous buses to extend
accesses. Its rising (access completion) edge is
controlled by the XTAL1 clock and, therefore,
asynchronous to the host CPU or bus clock.
106
nSynchron
-
ous Ready
nSRDY
O16
Output. This output is used when interfacing
synchronous buses and nVLBUS=0 to extend
accesses. This signal remains normally inactive,
and its falling edge indicates completion. This
signal is synchronous to the bus clock LCLK.
109
nReady
Return
nRDYRTN
I
Input. This input is used to complete
synchronous read cycles. In EISA burst mode it
is sampled on falling LCLK edges, and
synchronous cycles are delayed until it is
sampled high.
176,
187-189
Interrupt
INTR0-
INTR3
O24
Outputs. Only one of these interrupts is selected
to be used; the other three are tri-stated. The
selection is determined by the value of INT SEL
1-0 bits in the Configuration Register.
108
nLocal
Device
nLDEV
O16
Output. This active low output is asserted when
AEN is low and A4-A15 decode to the
LAN91C100FD address programmed into the
high byte of the Base Address Register. nLDEV
is a combinatorial decode of unlatched address
and AEN signals.
177
nRead
Strobe
nRD
IS
Input. Used in asynchronous bus interfaces.
178
nWrite
Strobe
nWR
IS
Input. Used in asynchronous bus interfaces.
190
nData
Path Chip
Select
nDATACS
I with
pullup
Input. When nDATACS is low, the Data Path
can be accessed regardless of the values of
AEN, A1-A15 and the content of the BANK
SELECT Register. nDATACS provides an
interface for bursting to and from the
LAN91C100FD 32 bits at a time.
54
EEPROM
Clock
EESK
O4
Output. 4
µsec clock used to shift data in and
out of the serial EEPROM.
55
EEPROM
Select
EECS
O4
Output. Serial EEPROM chip select. Used for
selection and command framing of the serial
EEPROM.
52
EEPROM
Data Out
EEDO
O4
Output. Connected to the DI input of the serial
EEPROM.
53
EEPROM
Data In
EEDI
I with
pulldown
Input. Connected to the DO output of the serial
EEPROM.
13, 15, 16
I/O Base
IOS0-
IOS2
I with
pullup
Input. External switches can be connected to
these lines to select between predefined
EEPROM configurations.
51
Enable
EEPROM
ENEEP
I with
pullup
Input. Enables (when high or open)
LAN91C100FD accesses to the serial EEPROM.
Must be grounded if no EEPROM is connected
to the LAN91C100FD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com