Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 36 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 36 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 32Page - SMSC Corporation LAN91C100FD Datasheet HTML 33Page - SMSC Corporation LAN91C100FD Datasheet HTML 34Page - SMSC Corporation LAN91C100FD Datasheet HTML 35Page - SMSC Corporation LAN91C100FD Datasheet HTML 36Page - SMSC Corporation LAN91C100FD Datasheet HTML 37Page - SMSC Corporation LAN91C100FD Datasheet HTML 38Page - SMSC Corporation LAN91C100FD Datasheet HTML 39Page - SMSC Corporation LAN91C100FD Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
Rev. 10/14/2002
Page 36
SMSC DS – LAN91C100FD Rev. D
PRELIMINARY
1.
Clearing the LE ENABLE bit in the Control Register if an EPH interrupt is caused by a LINK_OK
transition.
2.
Reading the Counter Register if an EPH interrupt is caused by statistics counter roll over.
3.
Setting TXENA bit high if an EPH interrupt is caused by any of the fatal transmit error listed above (3.1
to 3.5).
RX_OVRN INT - Set when 1) the receiver aborts due to an overrun due to a failed memory allocation, 2)
the receiver aborts due to a packet length of greater than 2K bytes, or 3) the receiver aborts due to the
RCV DISCRD bit in the ERCV register set. The RX_OVRN INT bit latches the condition for the purpose of
being polled or generating an interrupt, and will only be cleared by writing the acknowledge register with
the RX_OVRN INT bit set.
ALLOC INT - Set when an MMU request for TX RAM page is successful. This bit is the complement of the
FAILED bit in the ALLOCATION RESULT register. The ALLOC INT bit is cleared by the MMU when the
next allocation request is processed or allocation fails.
TX EMPTY INT - Set if the TX FIFO goes empty, can be used to generate a single interrupt at the end of a
sequence of packets enqueued for transmission. This bit latches the empty condition, and the bit will stay
set until it is specifically cleared by writing the acknowledge register with the TX EMPTY INT bit set. If a
real time reading of the FIFO empty is desired, the bit should be first cleared and then read.
The TX EMPTY Mask bit should only be set after the following steps:
a.
a packet is enqueued for transmission
b.
the previous empty condition is cleared (acknowledged)
TX INT - Set when at least one packet transmission was completed or any of the below transmit fatal
errors occurs:
1.
TXUNRN - Transmit under-run
2.
SQET - SQE Error
3.
LOST CARR - Lost Carrier
4.
LATCOL - Late Collision
5.
16COL - 16 collisions
The first packet number to be serviced can be read from the FIFO PORTS register. The TX INT bit is
always the logic complement of the TEMPTY bit in the FIFO PORTS register. After servicing a packet
number, its TX INT interrupt is removed by writing the Interrupt Acknowledge Register with the TX INT bit
set.
RCV INT - Set when a receive interrupt is generated. The first packet number to be serviced can be read
from the FIFO PORTS register. The RCV INT bit is always the logic complement of the REMPTY bit in the
FIFO PORTS register. The Receive Interrupt is cleared when RX FIFO is empty.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com