Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 33 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 33 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 29Page - SMSC Corporation LAN91C100FD Datasheet HTML 30Page - SMSC Corporation LAN91C100FD Datasheet HTML 31Page - SMSC Corporation LAN91C100FD Datasheet HTML 32Page - SMSC Corporation LAN91C100FD Datasheet HTML 33Page - SMSC Corporation LAN91C100FD Datasheet HTML 34Page - SMSC Corporation LAN91C100FD Datasheet HTML 35Page - SMSC Corporation LAN91C100FD Datasheet HTML 36Page - SMSC Corporation LAN91C100FD Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
SMSC DS – LAN91C100FD Rev. D
Page 33
Rev. 10/14/2002
PRELIMINARY
ALLOCATED PACKET NUMBER - Packet number associated with the last memory allocation request.
The value is only valid if the FAILED bit is clear.
Note:
For software compatibility with future versions, the value read from the ARR after an allocation request is
intended to be written into the PNR as is, without masking higher bits (provided FAILED = 0).
BANK 2
OFFSET
NAME
TYPE
SYMBOL
4
FIFO PORTS REGISTER
READ ONLY
FIFO
This register provides access to the read ports of the Receive FIFO and the Transmit completion FIFO.
The packet numbers to be processed by the interrupt service routines are read from this register.
HIGH
BYTE
REMPTY
0
RX FIFO PACKET NUMBER
1
0
0
0
0
0
0
0
LOW
BYTE
TEMPTY
0
TX DONE PACKET NUMBER
1
0
0
0
0
0
0
0
REMPTY - No receive packets queued in the RX FIFO. For polling purposes, uses the RCV_INT bit in the
Interrupt Status Register.
TOP OF RX FIFO PACKET NUMBER - Packet number presently at the output of the RX FIFO. Only valid
if REMPTY is clear. The packet is removed from the RX FIFO using MMU Commands 3) or 4).
TEMPTY - No transmit packets in completion queue. For polling purposes, uses the TX_INT bit in the
Interrupt Status Register.
TX DONE PACKET NUMBER - Packet number presently at the output of the TX Completion FIFO. Only
valid if TEMPTY is clear. The packet is removed when a TX INT acknowledge is issued.
Note:
For software compatibility with future versions, the value read from each FIFO register is intended to be
written into the PNR as is, without masking higher bits (provided TEMPTY and REMPTY = 0 respectively).
BANK 2
OFFSET
NAME
TYPE
SYMBOL
6
POINTER REGISTER
READ/WRITE
NOT EMPTY is a read
only bit
PTR
HIGH
BYTE
RCV
AUTO
INCR.
READ
ETEN
NOT
EMPTY
POINTER HIGH
0
0
0
0
0
0
0
0
LOW
BYTE
POINTER LOW
0
0
0
0
0
0
0
0
POINTER REGISTER - The value of this register determines the address to be accessed within the
transmit or receive areas. It will auto-increment on accesses to the data register when AUTO INCR. is set.
The increment is by one for every byte access, by two for every word access, and by four for every double
word access. When RCV is set the address refers to the receive area and uses the output of RX FIFO as
the packet number, when RCV is clear the address refers to the transmit area and uses the packet number
at the Packet Number Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com