Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 35Page - SMSC Corporation LAN91C100FD Datasheet HTML 36Page - SMSC Corporation LAN91C100FD Datasheet HTML 37Page - SMSC Corporation LAN91C100FD Datasheet HTML 38Page - SMSC Corporation LAN91C100FD Datasheet HTML 39Page - SMSC Corporation LAN91C100FD Datasheet HTML 40Page - SMSC Corporation LAN91C100FD Datasheet HTML 41Page - SMSC Corporation LAN91C100FD Datasheet HTML 42Page - SMSC Corporation LAN91C100FD Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
SMSC DS – LAN91C100FD Rev. D
Page 39
Rev. 10/14/2002
PRELIMINARY
FLTST - Facilitates the inclusion of packet forwarding information on the receive packet memory structure.
When 0, RD0-RD7 is always driven. When 1, RD0-RD7 is floated during RECEIVE FRAME STATUS
WORD writes (RA2-RA16=0, RCVDMA=1, nRWE0-nRWE3=0).
MSK_CRS100 - Disables CRS100 detection during transmit in half duplex mode (SWFDUP=0).
MDO - MII Management output. The value of this bit drives the MDO pin.
MDI - MII Management input. The value of the MDI pin is readable using this bit.
MDCLK - MII Management clock. The value of this bit drives the MDCLK pin.
MDOE - MII Management output enable. When high pin MDO is driven, when low pin MDO is tri-stated.
The purpose of this interface, along with the corresponding pins is to implement MII PHY management in
software.
BANK 3
OFFSET
NAME
TYPE
SYMBOL
A
REVISION REGISTER
READ ONLY
REV
HIGH
BYTE
0
0
1
1
0
0
1
1
LOW
BYTE
CHIP
REV
1
0
0
0
0
0
0
0
CHIP - Chip ID. Can be used by software drivers to identify the device used.
REV - Revision ID. Incremented for each revision of a given device.
OFFSET
NAME
TYPE
SYMBOL
C
EARLY RCV REGISTER
READ/WRITE
ERCV
HIGH
BYTE
nRXDISC PIN COUNTER
0
0
0
0
0
0
0
0
LOW
BYTE
RCV
DISCR
D
0
0
ERCV THRESHOLD
0
0
0
1
1
1
1
1
nRXDISC PIN COUNTER - 8-bit counter increments when a packet is discarded due to the nRXDISC pin
being active. This counter will be reset to 00 when read. A count of FF will set the RX_DISC INT. The
count will wrap around to 00 after FF.
RCV DISCRD - Set to discard a packet being received. Will discard packets only in the process of being
received. When set prior to the end of receive packet, bit 4 (RXOVRN) of the interrupt status register will
be set to indicate that the packet was discarded. Otherwise, the packet will be received normally and bit 0
set (RCVINT) in the interrupt status register. RCV DISCRD is self clearing.
ERCV THRESHOLD - Threshold for ERCV interrupt. Specified in 64 byte multiples. Whenever the number
of bytes written in memory for the presently received packet exceeds the ERCV THRESHOLD, ERCV INT
bit of the INTERRUPT STATUS REGISTER is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com