Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 43 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 43 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 39Page - SMSC Corporation LAN91C100FD Datasheet HTML 40Page - SMSC Corporation LAN91C100FD Datasheet HTML 41Page - SMSC Corporation LAN91C100FD Datasheet HTML 42Page - SMSC Corporation LAN91C100FD Datasheet HTML 43Page - SMSC Corporation LAN91C100FD Datasheet HTML 44Page - SMSC Corporation LAN91C100FD Datasheet HTML 45Page - SMSC Corporation LAN91C100FD Datasheet HTML 46Page - SMSC Corporation LAN91C100FD Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
SMSC DS – LAN91C100FD Rev. D
Page 43
Rev. 10/14/2002
PRELIMINARY
5.3
Typical Flow of Events for Transmit (Auto Release = 1)
S/W DRIVER
MAC SIDE
1 ISSUE ALLOCATE MEMORY FOR TX - N
BYTES - the MMU attempts to allocate N bytes
of RAM.
2 WAIT FOR SUCCESSFUL COMPLETION
CODE - Poll until the ALLOC INT bit is set or
enable its mask bit and wait for the interrupt.
The TX packet number is now at the Allocation
Result Register.
3 LOAD TRANSMIT DATA - Copy the TX packet
number into the Packet Number Register. Write
the Pointer Register, then use a block move
operation from the upper layer transmit queue
into the Data Register.
4 ISSUE "ENQUEUE PACKET NUMBER TO TX
FIFO" - This command writes the number
present in the Packet Number Register into the
TX FIFO. The transmission is now enqueued.
No further CPU intervention is needed until a
transmit interrupt is generated.
5
The enqueued packet will be transferred to the
MAC block as a function of TXENA (nTCR) bit
and of the deferral process (1/2 duplex mode
only) state.
6
Transmit pages are released by transmit
completion.
7
a) The MAC generates a TXEMPTY interrupt
upon a completion of a sequence of
enqueued packets.
b) If a TX failure occurs on any packets, TX
INT is generated and TXENA is cleared,
transmission sequence stops. The packet
number of the failure packet is presented at
the TX FIFO PORTS Register.
8 a) SERVICE INTERRUPT – Read Interrupt
Status Register, exit the interrupt service
routine.
b) Option 1) Release the packet.
Option 2) Check the transmit status in the
EPH STATUS Register, write the packet
number of the current packet to the Packet
Number Register, re-enable TXENA, then
go to step 4 to start the TX sequence again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com