Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN91C100FD Datasheet(PDF) 31 Page - SMSC Corporation

Part # LAN91C100FD
Description  FEAST FAST ETHERNET CONTROLLER WITH FULL DUPLEX CAPABILITY
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN91C100FD Datasheet(HTML) 31 Page - SMSC Corporation

Back Button LAN91C100FD Datasheet HTML 27Page - SMSC Corporation LAN91C100FD Datasheet HTML 28Page - SMSC Corporation LAN91C100FD Datasheet HTML 29Page - SMSC Corporation LAN91C100FD Datasheet HTML 30Page - SMSC Corporation LAN91C100FD Datasheet HTML 31Page - SMSC Corporation LAN91C100FD Datasheet HTML 32Page - SMSC Corporation LAN91C100FD Datasheet HTML 33Page - SMSC Corporation LAN91C100FD Datasheet HTML 34Page - SMSC Corporation LAN91C100FD Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 79 page
background image
FEAST Fast Ethernet Controller with Full Duplex Capability
SMSC DS – LAN91C100FD Rev. D
Page 31
Rev. 10/14/2002
PRELIMINARY
The three command bits determine the command issued as described below:
HIGH
BYTE
LOW
BYTE
COMMAND
0
0
N2
N1
N0/BUSY
x
y
z
0
COMMAND SET:
xyz
000
0)
NOOP - NO OPERATION
001
1)
ALLOCATE MEMORY FOR TX - N2,N1,N0 defines the amount of memory requested as
(value + 1) * 256 bytes. Namely N2,N1,N0 = 1 will request 2 * 256 = 512 bytes. A shift-based
divide by 256 of the packet length yields the appropriate value to be used as N2,N1,N0.
Immediately generates a completion code at the ALLOCATION RESULT REGISTER. Can
optionally generate an interrupt on successful completion. N2,N1,N0 are ignored by the
LAN91C100FD but should be implemented in LAN91C100FD software drivers for LAN9000
compatibility.
010
2)
RESET MMU TO INITIAL STATE - Frees all memory allocations, clears relevant interrupts,
resets packet FIFO pointers.
011
3)
REMOVE FRAME FROM TOP OF RX FIFO - To be issued after CPU has completed
processing of present receive frame. This command removes the receive packet number from
the RX FIFO and brings the next receive frame (if any) to the RX area (output of RX FIFO).
100
4)
REMOVE AND RELEASE TOP OF RX FIFO - Like 3) but also releases all memory used by
the packet presently at the RX FIFO output. The MMU busy time after issuing REMOVE and
RELEASE command depends on the time when the busy bit is cleared. The time from issuing
REMOVE and RELEASE command on the last receive packet to the time when receive FIFO
is empty depends on RX INT bit turning low. An alternate approach can be checking the read
RX FIFO register.
101
5)
RELEASE SPECIFIC PACKET - Frees all pages allocated to the packet specified in the
PACKET NUMBER REGISTER. Should not be used for frames pending transmission.
Typically used to remove transmitted frames, after reading their completion status. Can be
used following 3) to release receive packet memory in a more flexible way than 4).
110
6)
ENQUEUE PACKET NUMBER INTO TX FIFO - This is the normal method of transmitting a
packet just loaded into RAM. The packet number to be enqueued is taken from the PACKET
NUMBER REGISTER.
111
7)
RESET TX FIFOs - This command will reset both TX FIFOs: The TX FIFO holding the packet
numbers awaiting transmission and the TX Completion FIFO. This command provides a
mechanism for canceling packet transmissions, and reordering or bypassing the transmit
queue. The RESET TX FIFOs command should only be used when the transmitter is
disabled. Unlike the RESET MMU command, the RESET TX FIFOs does not release any
memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com