Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM7708 Datasheet(PDF) 6 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM7708
Description  Two-bIt digital analog converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM7708 Datasheet(HTML) 6 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM7708 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 10Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
©
Titan Micro Electronics
V1.1
www.titanmec.com
-6-
24 bit 模数转换器 TM7707/8
Gain=8
128
130
dB typ
Normal-Mode50Hz
Rejection2
98
dB typ
For Filter Notches of
25Hz,50Hz,±0.02×fNOTCH
Normal-Mode60Hz
Rejection2
98
dB typ
For Filter Notches of
20Hz,60Hz,±0.02×fNOTCH
Common-Mode 50Hz
Rejection2
150
dB typ
For
Filter
Notches
of
25Hz,50Hz,±0.02×fNOTCH
Common-Mode 60Hz
Rejection2
150
dB typ
For
Filter
Notches
of
20Hz,60Hz,±0.02×fNOTCH
Absolute/Common-M
ode REF IN Voltage2
GND to VDD
Vmin to
V mas
Absolute/Common-M
ode AIN Voltage2
。
9
GND—30mV
Vmin
BUF Bit of Setup Register=0
VDD+30mV
Vmax
Absolute/Common-M
ode AIN Voltage2
。
9
GND+50mV
Vmin
BUF Bit of Setup Register=1
VDD—1.5V
Vmax
AIN DC Input
Current2
1
nA max
AIN
SamplingCapacitanc
e2
10
pF max
AIN
Differential
Voltage Range10
0to+VREP/GAIN
11
nom
Unipolar Input Range(B/U Bit
of Setup Register=1)
±VREP/GAIN
nom
Bipolar Input Range(B/U Bit of
Setup Register=0)
AIN Input Sampling
Rate,fs
GAIN×fCLKIN/64
For Gains of 1 to 4
fCLKIN/8
For Gains of 8 to 128
Referencelnput
Range
REFIN(+)—REFIN(-)
Voltage
1/1.75
Vmin/ma
x
VDD=2.7Vto3.3V.VREF=1.225±1
% for Specifled Performance
REFIN(+)—REFIN(-)
Voltage
1/3.5
Vmin/ma
x
VDD=4.75Vto5.25V.VREF=2.5±1
% for Specifled Performance
REF IN Input
SamplingRate, fs
fCLKIN/64
LOGIC INPUTS
Input Current
All Inputs Except
MCLK IN
±1
μA max
Typically±20nA
MCLK
±10
μA max
Typically±20μA
All Inputs Except



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com