Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM7708 Datasheet(PDF) 5 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM7708
Description  Two-bIt digital analog converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM7708 Datasheet(HTML) 5 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM7708 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
©
Titan Micro Electronics
V1.1
www.titanmec.com
-5-
24 bit 模数转换器 TM7707/8
七、电特性
(
VDD=+3V 或+5V,REF IN(+)=+1.225V;REF IN(-)=GND,MCLK IN
=2.4576MHz,TA=T MIN~TMAX ,除非另有说明)。
Parameter
B Version1
Units
Conditions/Comments
STATIC PERFORMANCE
No Missing Codes
16
Bits min
Guaranteed by Design. Filter
Notch < 60 Hz
Output Noise
See Tables I and
III
Dependson Filter Cutoffs and
Selected Gain
Integral Nonlinearity2 ±0.003
%of FSR
max
Filter Notch < 60 Hz. Typically
0.0003%
Unipolar Offset Error
See Note3
Unipolar Offset Drift4
0.5
μV/℃ typ
Bipolar Zero Error
See Note 3
Bipolar Zero Drift4
0.5
μV/℃ typ For Gains1,2and4
0.1
μV/℃ typ For Gains8,16,32,64and128
Positive
Full-Scale
Error5
See Note3
Full-Scale Drift4.6
0.5
μV/℃ typ
Gain Error7
See Note3
Gain Drift4.8
0.5
ppm
of
FSR/ ℃
typ
Bipolar Negative Full
-Scale Error2
±0.003
%of
FSR/℃
typ
Typically±0.001%
Bipolar Negative Full
-Scale Drift4
1
μV/℃typ
For Gains of 1 to 4
0.6
μV/℃ typ For Gains of 8 to 128
ANALOG INPUTS/REFERENCE INPUTS
Specifications for AIN and
REF IN UnlessNoted
Input Common-Mode Rejection(CMR)2
VDD=5V
Gain=1
96
dB typ
Gain=2
105
dB typ
Gain=4
110
dB typ
Gain=8
128
130
dB typ
VDD=3V
Gain=1
105
dB typ
Gain=2
110
dB typ
Gain=4
120
dB typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com