Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM7708 Datasheet(PDF) 8 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM7708
Description  Two-bIt digital analog converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM7708 Datasheet(HTML) 8 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM7708 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 10Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 11Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 12Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
©
Titan Micro Electronics
V1.1
www.titanmec.com
-8-
24 bit 模数转换器 TM7707/8
Current
Floating StateOutput
Capacitance13
9
pF typ
Data Output Coding
Binary
Unipolar Mode
OffsetBinary
Bipolar Mode
SYSTEM CALIBRATION
Positive Full—Scale
Calibration Limit14
(1.05×VREF)
GAIN
V max
GAIN Is the Selected PGA
Gain(1 to 128)
Negative Full—Scale
Calibration Limit14
—(1.05×VREF)
GAIN
V max
GAIN Is the Selected PGA
Gain(1 to 128)
Offset Calibration
Limit14
—(1.05×VREF)
GAIN
V max
GAIN Is the Selected PGA
Gain(1 to 128)
Input Span15
(0.8×VREF)/GAIN
V min
GAIN Is the Selected PGA
Gain(1 to 128)
(2.1×VREF)/GAIN
V max
GAIN Is the Selected PGA
Gain(1 to 128)
POWER REQUIREMENTS
VDD Voltage
+2.7 to +3.3
Vmin to
Vmax
For Specified Performance
Power Supply
Currents16
Digital I/Ps=0V or VDD.External
MCLK IN and CLK DIS=1
0.32
mA max
BUF Bit=O. fCLKIN=1MHz.Gains
of 1 to 128
0.6
mA max
BUF Bit=1. fCLKIN=1MHz.Gains
of 1 to 128
0.4
mA max
BUF Bit=O.fCLKIN=2.4576MHz.
Gains of 1 to 4
0.6
mA max
BUF Bit=O. fCLKIN=2.4576MHz.
Gains of 8 to 128
0.7
mA max
BUF Bit=O. fCLKIN=2.4576MHz.
Gains of 1 to 4
1.1
mA max
BUF Bit=1. fCLKIN=2.4576MHz.
Gains of 8 to 128
VDD Voltage
+4.75 to +5.25
Vmin
toVmax
For Specified Performance
Power
Supply
Currents16
Digital I/Ps=0V or VDD.External
MCLK IN and CLK DIS=1.
0.45
mA max
BUF Bit=0. fCLKIN=1MHz.Gains
of 1 to 128
0.7
mA max
BUF Bit=1. fCLKIN=1MHz.Gains
of 1 to 128
0.6
mA max
BUF Bit=0. fCLKIN=2.4576MHz.
Gains of 1 to 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com