Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM7708 Datasheet(PDF) 17 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM7708
Description  Two-bIt digital analog converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM7708 Datasheet(HTML) 17 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM7708 Datasheet HTML 13Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 14Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 15Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 16Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 17Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 18Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 19Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 20Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 21Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
©
Titan Micro Electronics
V1.1
www.titanmec.com
-17-
24 bit 模数转换器 TM7707/8
Filter
First
Typical Output RMS Noise in μ V(Effective Resolution in bits)
Notch and
O/P—3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency
1
2
4
8
16
32
64
128
5Hz
1.31Hz
0.99
(
22.5)
0.68
(
22)
0.46
(
21.5)
0.26
(
21)
0.26
(
20)
0.26
(
19)
0.26
(
18)
0.260
(
17)
10Hz
2.62Hz
1.5
(
21.5)
0.95
(
21.5)
0.63
(
21)
0.41
(
20.5)
0.39
(
19.5)
0.36
(
18.5)
0.36
(
17.5)
0.36
(
16.5)
25Hz
6.55Hz
2.5
(
21)
1.7
(
20.5)
0.88
(20.5)
0.75
(19.5)
0.57
(19)
0.57
(18)
0.57
(17)
0.56
(16)
30Hz
7.86Hz
2.9
(20.5)
1.8
(20.5)
1
(20)
0.87
(19.5)
0.75
(18.5)
0.72
(17.5)
0.72
(16.5)
0.71
(15.5)
50Hz
13.1Hz
4.2
(20)
2.5
(
20)
1.5
(
19.5)
1.1
(
19)
0.94
(
18.5)
0.94
(
17.5)
0.94
(
17.5)
0.87
(15.5)
60Hz
15.72Hz
6.1
(19.5)
2.9
(
19.5)
2
(
19.5)
1.2
(
19)
1
(
18.5)
0.97
(
17.5)
0.95
(
16.5)
0.94
(15.5)
100 Hz
26.2 Hz
13.8
(18.5)
6.5
(
18.5)
3.5
(
18.5)
2.2
(
18)
1.3
(
18)
1.2
(
17)
1.3
(
16)
1.1
(15)
250Hz
65.5Hz
87
(
16)
56
(
15.5)
25
(
15.5)
11
(
15.5)
5.7
(
15.5)
3.6
(
15.5)
2.4
(
15)
2.1
(14)
500Hz
131Hz
508
(
13.5)
241
(
13.5)
117
(
13.5)
73
(
13)
34
(
13)
16
(
13)
8.5
(
13)
5.2
(13)
1Hz
262Hz
2860
(11)
1700
(10.5)
745
(10.5)
480
(10.5)
197
(10.5)
94
(10.5)
53
(10.5)
23
(10.5)
表
4 fCLKIN=2.4576MHZ 时 TM7707/8 缓冲模式的输出噪声∕分辨率(3V 电压)
Filter
First
Typical Output RMS Noise in μ V(Effective Resolution in bits)
Notch and
O/P—3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency
1
2
4
8
16
32
64
128
5Hz
1.31Hz
1.16
(21)
0.76
(20.5)
0.34
(20)
0.29
(20)
0.29
(19)
0.28
(18)
0.26
(17)
0.26
(16)
10Hz
2.62Hz
1.5
(21.5)
0.95
(21.5)
0.63
(21)
0.41
(20.5)
0.39
(19.5)
0.36
(18.5)
0.36
(17.5)
0.36
(16.5)
25Hz
6.55Hz
2.5
(21)
1.7
(20.5)
0.88
(20.5)
0.75
(19.5)
0.57
(19)
0.57
(18)
0.57
(17)
0.56
(16)
30Hz
3.7
2.2
1.3
0.76
0.68
0.66
0.66
0.66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com