Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM7708 Datasheet(PDF) 13 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM7708
Description  Two-bIt digital analog converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM7708 Datasheet(HTML) 13 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM7708 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 10Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 11Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 12Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 13Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 14Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 15Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 16Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 17Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
©
Titan Micro Electronics
V1.1
www.titanmec.com
-13-
24 bit 模数转换器 TM7707/8
器件的输出噪声来自两个源。第一个源是调制器的实现中所用半导体器件的电噪声(器
件噪声)
。其次,当模拟输入信号被转换至数字域时,加入量化噪声。器件噪声是低电平的
且基本上与频率无关。量化噪声从相当低的电平开始,但是随着频率的增加迅速上升到成为
主要的噪声源。因此,较低的滤波器凹口设置(对于
fCLKIN=2.4576MHZ,约低于 100MHZ,
对于
fCLKIN=1MHZ,约低于 40HZ)受器件噪声的控制,而较高凹口的设置受量化噪声的控
制。如表
I 所示,在量化噪声控制域中滤波器凹口和截止频率的改变将比在器件噪声控制域
中的改变对噪声性能的增益无关。同时,器件噪声加到
PGA 中,因此,在较低凹口频率高
增益的情况下,有效分辨率将减小。此外,在器件噪声控制区域内,输出噪声(以
μ V 计)
基本上与基准电压无关;在量化噪声控制区域内,噪声正比基于基准的数值。在器件上采用
后滤波(post-filtering)可能改进给定-3dB 频率的输出数据也速率,还可进一步减少输
出噪声。
在较低的滤波器凹口设置(
fCLKIN=2.4576MHZ 时低于 60Hz,fCLKIN=1MHZ)情况下,
器件的无误码性能处于
24 位的水平.在较高设置情况下,将产生更多的误差,直到在
fCLKIN=2.4576MHZ 时凹口设置为 1kHz(fCLKIN=1MHZ 设置为 400Hz)为止。仅对 12 位才
保证无误码性能。
表
1a fCLKIN=2.4576MHZ、BUFFER=0 时
TM7707/8 输出噪声∕分辨率与增益和第 1 个凹口的关系(5V 电压)
Filter
First
Typical Output RMS Noise in μ V(Effective Resolution in bits)
Notch and
O/P—3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Data Rate
Frequency
1
2
4
8
16
32
64
128
5Hz
1.31Hz
0.87
(
22.5)
0.48
(
22.5)
0.24
(
22.5)
0.2
(
21.5)
0.18
(
20.5)
0.17
(
20)
0.17
(
19)
0.17
(
18)
10Hz
2.62Hz
1.0
(
22.5)
0.78
(
21.5)
0.48
(
21.5)
0.33
(
21)
0.25
(
20.5)
0.25
(
19.5)
0.25
(
18.5)
0.25
(
17.5)
25Hz
6.55Hz
1.8
(
21.5)
1.1
(
21)
0.63
(21)
0.5
(20)
0.44
(19.5)
0.41
(18.5)
0.38
(17.5)
0.38
(16.5)
30Hz
7.86Hz
2.5
(21)
1.31
(21)
0.84
(20.5)
0.57
(20)
0.46
(19.5)
0.43
(18.5)
0.4
(17.5)
0.4
(16.5)
50Hz
13.1Hz
4.33
(20)
2.06
(
20)
1.2
(
20)
0.64
(
20)
0.54
(
19)
0.46
(
18.5)
0.46
(
17.5)
0.46
(16.5)
60Hz
15.72Hz
5.28
(20)
2.36
(
20)
1.33
(
20)
0.87
(
19.5)
0.63
(
19)
0.62
(
18)
0.6
(
17)
0.56
(16)
100 Hz
26.2 Hz
12.1
(18.5)
5.9
(
18.5)
2.86
(
19)
1.91
(
18.5)
1.06
(
18)
0.83
(
17.5)
0.82
(
16.5)
0.76
(15.5)
250Hz
65.5Hz
127
(
15.5)
58
(
15.5)
29
(
15.5)
15.9
(
15.5)
6.7
(
15.5)
3.72
(
15.5)
1.96
(
15.5)
1.5
(14.5)
500Hz
131Hz
533
(
13)
267
(
13)
137
(
13)
66
(
13)
38
(
13)
20
(
13)
8.6
(
13)
4.4
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com