Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM7708 Datasheet(PDF) 7 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM7708
Description  Two-bIt digital analog converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM7708 Datasheet(HTML) 7 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM7708 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 10Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 11Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
©
Titan Micro Electronics
V1.1
www.titanmec.com
-7-
24 bit 模数转换器 TM7707/8
SCLK and MCLK IN
VINL,Input Low
Voltage
0.8
Vmax
VDD=5V
0.4
Vmax
VDD=3V
VINL,Input High
Voltage
2.0
Vmin
VDD=3V and 5V
SCLK Only(Schmitt
Triggered Input)
VDD=5V NOMINAL
VT+
1.4/3
Vmin/V
max
VT_
0.8/1.4
Vmin/V
max
VT+—VT_
0.4/0.8
Vmin/V
max
SCLK Only(Schmitt
Triggered Input)
VT+
1/2.5
Vmin/Vm
ax
VT_
0.4/1.1
Vmin/Vm
ax
VT+ VT_
0.375/0.8
Vmin/Vm
ax
MCLK IN Only
VDD=5V NOMINAL
VINL,Input Low
Voltage
0.8
V max
VINL,Input High
Voltage
3.5
V min
MCLK IN Only
VDD=3V NOMINAL
VINL,Input Low
Voltage
0.4
V max
VINL,Input High
Voltage
2.5
V min
LOGIC OUTPUTS(Including MCLK OUT)
VOL,Output Low
Voltage
0.4
V max
ISINK=800μA Exceptfor MCLK
OUT.12 VDD=5V.
VOL,Output Low
Voltage
0.4
V max
ISINK=100μA Exceptfor MCLK
OUT.12 VDD=3V.
VOH,Output High
Voltage
4
V min
ISOURCE=200μA Exceptfor
MCLK OUT.12 VDD=5V.
VOH,Output High
Voltage
VDD—0.6
V min
ISOURCE=100μA Exceptfor
MCLK OUT.12 VDD=3V.
Floating
StateLeakage
±
10
μA max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com