Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM7708 Datasheet(PDF) 16 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM7708
Description  Two-bIt digital analog converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM7708 Datasheet(HTML) 16 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM7708 Datasheet HTML 12Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 13Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 14Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 15Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 16Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 17Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 18Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 19Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 20Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
©
Titan Micro Electronics
V1.1
www.titanmec.com
-16-
24 bit 模数转换器 TM7707/8
表
2b fCLKIN=1MHZ、BUFFER=0 时
TM7707/8 输出噪声∕分辨率与增益和第 1 个凹口的关系(3V 电压)
Filter
First
Typical Output RMS Noise in μ V(Effective Resolution in bits)
Notch and
O/P—3 dB
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain of
Gain
of
Data Rate
Frequency
1
2
4
8
16
32
64
128
2Hz
0.52Hz
0.86
(21.5)
0.58
(21)
0.32
(21)
0.21
(20.5)
0.2
(19.5)
0.2
(18.5)
0.2
(17.5)
0.2
(16.5)
4Hz
1.05Hz
1.26
(21)
0.74
(20.5)
0.44
(20.5)
0.35
(20)
0.3
(19)
0.3
(18)
0.3
(17)
0.3
(16)
10Hz
2.62Hz
1.68
(20.5)
1.33
(20)
0.73
(20)
0.5
(19)
0.49
(18.5)
0.49
(17.5)
0.48
(16.5)
0.47
(15.5)
25Hz
6.55Hz
3.82
(19.5)
2.0
(19.5)
1.2
(19)
0.88
(18.5)
0.66
(18)
0.57
(17)
0.55
(16)
0.55
(15)
30Hz
7.86Hz
4.88
(19)
2.1
(19)
1.3
(19)
0.93
(18.5)
0.82
(17.5)
0.69
(17)
0.68
(16)
0.66
(15)
50Hz
13.1Hz
61
(15.5)
30
(15.5)
12
(15.5)
6.1
(15.5)
2.9
(15.5)
2.4
(15)
1.8
(14.5)
1.8
(13.5)
60Hz
15.72Hz
25
(17.5)
16
(17.5)
6.5
(17.5)
2.9
(17.5)
1.93
(17.5)
1.4
(17)
1.1
(16)
0.98
(15.5)
100Hz
26.2Hz
102
(15.5)
58
(15.5)
25
(15.5)
13.5
(15.5)
5.7
(15.5)
3.9
(15.5)
2.1
(15)
1.3
(15)
200Hz
52.4Hz
275
(13)
130
(13)
65
(13)
33
(13)
17
(13)
11
(13)
6.3
(12.5)
3
(12.5)
400Hz
104.8Hz
1435
(11)
720
(11)
362
(11)
175
(11)
110
(10.5)
51
(10.5)
31
(10.5)
12
(10.5)
10.3 缓冲模式输出噪声
表
3 表示当
fCLKIN=2.4576MHZ 和 BUFFER=+5V 时,对于某些典型的凹口和-3dB 频率,
TM7707/8 的输出均方根噪声和有效分辨率;表 4 给出
fCLKIN=2.4576MHz 和 BUFFER=+5V
时
TM7707/8 的数据。给出的数据适用于双极性输入范围并有 0V 差分模拟输入电压产生。
对于
TM7707/8,VDD=5V 时 VREF 电压为+2.5V;对于 TM7707/8,VDD=3V 时 VREF 电压
为
+1.25V。在每一个表中括号内的数据器件的有效分辨率(舍入至最接近的 0.5LSB)。器
件的有效分辨率定义为输出均方根噪声与输入满刻度(即,
2×VREF/GAIN)之比。应当注
意,不是用峰
-峰输出噪声数据进行计算。峰-峰噪声数据可以高达均方根数据的 6.6 倍,同
时,基于峰
-峰噪声的有效分辨率数据可以比表中口号内所示的基于均方根噪声的有效分辨
率低
2.5 位。
表
3 fCLKIN=2.4576MHZ 时 TM7707/8 缓冲模式的输出噪声∕分辨率(5V 电压)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com