Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM7708 Datasheet(PDF) 10 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Part # TM7708
Description  Two-bIt digital analog converter
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Direct Link  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM7708 Datasheet(HTML) 10 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Back Button TM7708 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 10Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 11Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 12Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 13Page - Shenzhen Titan Micro Electronics Co., Ltd. TM7708 Datasheet HTML 14Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
©
Titan Micro Electronics
V1.1
www.titanmec.com
-10-
24 bit 模数转换器 TM7707/8
为
25Hz 或 50Hz )。60Hz 时,PSRR 超过 120dB (滤波器陷波为 20Hz 或 60Hz )。
19. PSRR 由增益和 VDD 决定,如下:
增益
1
2
4
8~128
VDD=3V
86
78
85
93
VDD=5V
90
78
84
91
八、定时参数
(
VDD= +2.7V~+5.2V;GND=0V;fCLKIN =2.4567MHz;Input Logic 0=0 V,
Logic 1 = VDD 除非另有说明)
Parameter
Limit at
TMIN ,TMAX
(B Version)
Units
Conditions/Comments
fCLKIN
3,4
400
kHzmin
Master Clock Frequency: Crystal
Oscillator or Externally Supplied
2.5
MHz max
for Specified Performance
tCLKIN LO
0.4×tCLKIN
ns min
Master Clock Input Low Time.
tCLKIN=1/ fCLKIN
tCLKIN HI
0.4×tCLKIN
ns min
Master Clock Input High Time.
t1
500×tCLKIN
ns mon
DRDY High Time
t2
100
ns min
RESETPulsewidth
Read Operation
t3
0
ns min
DRDY to CS Setup Time
t4
120
ns min
CS Falling Edge to SCLK Rising
Edge Setup Time
t5
5
0
ns min
SCLK Falling Edge to Data Valid
Delay
80
ns max
VDD=+5V
100
ns max
VDD=+3.0V
t6
100
ns min
SCLK High Pulsewidth
t7
100
ns min
SCLK Low Pulsewidth
t8
0
ns min
CS Rising Edge to SCLK Rising
Edge Hold Time
t9
6
10
ns min
Bus RelinguishTimeafter SCLK
Rising Edge
60
ns max
VDD=+5V
100
ns max
VDD=+3.0V
t10
100
ns max
SCLK Falling Edge to DRDY High7
Write Operation
t11
120
ns min
CS Falling Edge to SCLK Rising
Edge Setup Time
t12
30
ns min
Data Valid to SCLK Rising Edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com