Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 69 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 69 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 65Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 66Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 67Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 68Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 69Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 70Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 71Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 72Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 73Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 120 page
background image
Version 1.3
69
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Multi-Page Program Operation with Data Cache Timing Diagram (4/4)
(*1)
tPROG: Since the last page programming by 10h command is initiated after the previous cache
program, the tPROG during cache programming is given by the following equation.
tPROG = tPROG of the last page + tPROG of the previous page − A
A = (command input cycle + address input cycle + data input cycle time of the last page)
If “A” exceeds the tPROG of previous page, tPROG of the last page is tPROG max.
NOTE :
Make sure to terminate the operation with 81h-10h- command sequence.
If the operation is terminated by 81h-15h command sequence, monitor I/O 6 (Ready / Busy)
by issuing Status
Read command (70h) and make sure the previous page program operation is completed.
If the page program operation is completed issue FFh reset before next operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com