Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 16 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 16 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 12Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 13Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 14Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 15Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 16Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 17Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 18Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 19Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 20Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 120 page
background image
Version 1.3
16
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
AC Test Condition
Parameter
Condition
VCC : 1.70 to 1.95V
Input level
VCC
– 0.2 V, 0.2 V
Input pulse rise and fall time
3ns
Input comparison level
Vcc / 2
Output data comparison level
Vcc / 2
Output Load
1 TTL GATE and CL=30pF
NOTE 1
Busy to ready time depends on the pull-up resistor tied to the RY/ pin.
Programming / Erasing Characteristics
(Ta= -25 to 85
℃, V
CC
=1.70 to 1.95V)
Symbol
Parameter
Min
Typ.
Max
Unit
tPROG
Average Programming Time
–
300
700
μs
tDCBSYW1
Data Cache Busy Time in Write Cache (following 11h)
–
–
10
μs
tDCBSYW21
Data Cache Busy Time in Write Cache (following 15h)
–
–
700
μs
N
Number of Partial Program Cycles in the Same Page
–
–
4
cycle
tBERASE
Block Erase Time
–
3.5
10
ms
NOTE 1
tDCBSYW2 depends on the timing between internal programming time and data in time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com