Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 96 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 96 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 92Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 93Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 94Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 95Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 96Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 97Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 98Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 99Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 100Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 120 page
background image
Version 1.3
96
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Symbol
Parameter
min/
max
min
tCK
Speed Grade
Unit
1066
Write parameters
tDH
DQ and DM input hold time (VREF based)
min
210
ps
tDS
DQ and DM input setup time (VREF based)
min
210
ps
tDIPW
DQ and DM input pulse width
min
0.35
tCK(avg)
tDQSS
Write command to 1st DQS latching transition
min
0.75
tCK(avg)
max
1.25
tCK(avg)
tDQSH
DQS input high-level width
min
0.4
tCK(avg)
tDQSL
DQS input low-level width
min
0.4
tCK(avg)
tDSS
DQS falling edge to CK setup time
min
0.2
tCK(avg)
tDSH
DQS falling edge hold time from CK
min
0.2
tCK(avg)
tWPST
Write postamble
min
0.4
tCK(avg)
tWPRE
Write preamble
min
0.35
tCK(avg)
Symbol
Parameter
min/
max
min
tCK
Speed Grade
Unit
1066
CKE input parameters
tCKE
CKE min. pulse width (high and low)
min
3
3
tCK(avg)
tISCKE
CKE input setup time
min
0.25
tCK(avg)
tIHCKE
CKE input hold time
min
0.25
tCK(avg)
Command / Address Input parameters
tIH
Address and Control input hold time
min
220
ps
tIS
Address and Control input setup time
min
220
ps
tIPW
Address and Control input pulse width
min
0.4
tCK(avg)
Mode register parameters
tMRR
MODE Register Read command period
min
2
2
tCK(avg)
tMRW
MODE Register Write command period
min
5
5
tCK(avg)
SDRAM core parameters
RL
Read Latency
min
3
8
tCK(avg)
WL
Write Latency
min
1
4
tCK(avg)
tCKESR
CKE minimum pulse width during SELF REFRESH
(low pulse width during SELF REFRESH)
min
3
15
ns
tXSR
Exit SELF REFRESH to first valid command (min)
min
2
tRFCAB +10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com