Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 86 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 86 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 82Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 83Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 84Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 85Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 86Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 87Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 88Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 89Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 90Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 120 page
background image
Version 1.3
86
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Active power-down standby current with clock stop:
CK=LOW,
 =HIGH;
CKE is LOW;
 is HIGH;
One bank/RB active;
CA bus inputs are STABLE;
Data bus inputs are STABLE
IDD3PS1
VDD1
1
IDD3PS2
VDD2
1
IDD3PS,in
VDDCA,VDDQ
1,4
Active non power-down standby current:
tCK = tCK(avg)min;
CKE is HIGH;
 is HIGH;
One bank/RB active;
CA bus inputs are SWITCHING;
Data bus inputs are STABLE
IDD3N1
VDD1
1
IDD3N2
VDD2
1
IDD3N,in
VDDCA,VDDQ
1,4
Active non power-down standby current with clock stop:
CK=LOW,
 =HIGH;
CKE is HIGH;
 is HIGH;
One bank/RB active;
CA bus inputs are STABLE;
Data bus inputs are STABLE
IDD3NS1
VDD1
1
IDD3NS2
VDD2
1
IDD3NS,in
VDDCA,VDDQ
1,4
Operating burst read current:
tCK = tCK(avg)min;
 is HIGH between valid commands;
One bank/RB active;
BL = 4; RL = RLmin;
CA bus inputs are SWITCHING;
50% data change each burst transf
IDD4R1
VDD1
1
IDD4R2
VDD2
1
IDD4R,in
VDDCA
1
IDD4RQ
VDDQ
1,4
Operating burst write current:
tCK = tCK(avg)min;
 is HIGH between valid commands;
One bank/RB active;
BL = 4; WL = WLmin;
CA bus inputs are SWITCHING;
50% data change each burst transfer
IDD4W1
VDD1
1
IDD4W2
VDD2
1
IDD4W,in
VDDCA,VDDQ
1,4
All Bank Refresh Burst current:
tCK = tCK(avg)min;
CKE is HIGH between valid commands;
tRC = tRFCabmin;
Burst refresh;
CA bus inputs are SWITCHING;
Data bus inputs are STABLE;
IDD51
VDD1
1
IDD52
VDD2
1
IDD5IN
VDDCA,VDDQ
1,4
All Bank Refresh Average current:
tCK = tCK(avg)min;
IDD5AB1
VDD1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com