Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 46 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 46 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 42Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 43Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 44Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 45Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 46Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 47Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 48Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 49Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 50Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 120 page
background image
Version 1.3
46
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
(8)Status Read during a Read operation
The device status can be read out by inputting the Status Read command “70h” in Read mode. Once the
device has been set to Status Read mode by a “70h” command, the device will not return to Read mode
unless the Read command “00h” is inputted during [A]. If the Read command “00h” is inputted during [A],
Status Read mode is reset, and the device returns to Read mode. In this case, data output starts
automatically from address N and address input is unnecessary
(9)Auto programming failure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com