Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 76 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 76 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 72Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 73Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 74Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 75Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 76Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 77Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 78Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 79Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 80Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 120 page
background image
Version 1.3
76
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
AC/DC Operating Conditions
DC Operating Conditions
Symbol
Parameter
Min
Typical
Max
Unit
Notes
Power Supply
VDD1
Core Supply voltage 1
1.70
1.80
1.95
V
VDD2
Core Supply voltage 2
1.14
1.20
1.30
V
VDDCA
Input Supply Voltage (Command / Address)
1.14
1.20
1.30
V
VDDQ
I/O Supply voltage (DQ)
1.14
1.20
1.30
V
Leakage current
II
Input leakage current
Any input 0 ≦ VIN ≦ VDDQ / VDDCA,
All other pins not under test = 0V
-2
-
2
uA
1
IVREF
VREF leakage current; VREFDQ = VDDQ/2 or
VREFCA = VDDCA/2 (all other pins not under test
= 0V)
-1
-
1
uA
1
Notes:
1. The minimum limit requirement is for testing purposes. The leakage current on VREFCA and VREFDQ pins should be minimal.
Although DM is for input only, the DM leakage shall match the DQ and DQS,  output leakage specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com