Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 75 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 75 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 71Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 72Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 73Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 74Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 75Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 76Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 77Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 78Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 79Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 120 page
background image
Version 1.3
75
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
Absolute Maximum Ratings
Symbol
Parameter
Min
Max
Units
VDD1
Voltage on VDD1 pin relative to Vss
-0.4
2.3
V
VDD2
Voltage on VDD2 pin relative to Vss
-0.4
1.6
V
VDDCA
Voltage on VDDCA pin relative to Vss
-0.4
1.6
V
VDDQ
Voltage on VDDQ pin relative to Vss
-0.4
1.6
V
Vin, Vout
Voltage on any pin relative to Vss
-0.4
1.6
V
Tstg
Storage Temperature (plastic)
-55
+125
C
Notes:
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For measurement conditions,
refer to the JESD51-2 standard.
3. VDD2 and VDDQ / VDDCA must be within 200mV of each other at all times.
4. Voltage on any I/O may not exceed voltage on VDDQ; Voltage on any CA input may not exceed voltage on VDDCA.
5. VREF must always be less than all other supply voltages.
6. The voltage difference between any VSS pins may not exceed 100mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com