Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 52 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 52 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 48Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 49Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 50Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 51Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 52Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 53Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 54Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 55Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 56Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 120 page
background image
Version 1.3
52
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
(15)Failure phenomena for Program and Erase Operations
The device may fail during a Program or Erase operation.
The following possible failure modes should be considered when implementing a highly reliable system.
Failure Mode
Detection and Countermeasure Sequence
Block
Erase Failure
Read Status after Erase → Block Replacement
Page
Programming Failure
Read Status after Program → Block Replacement
Read
Bit Error
ECC Correction / Block Refresh
NOTE 1
ECC: Error Correction Code. 8 bit correction per 512 Bytes is necessary.
Block Replacement
Program
When an error happens in Block A, try to reprogram the data into another Block (Block B) by loading from an
external buffer. Then, prevent further system accesses to Block A ( by creating a bad block table or by using
another appropriate scheme).
Erase
When an error occurs during an Erase operation, prevent future accesses to this bad block (again by creating a
table within the system or by using another appropriate scheme).
(16)The number of valid blocks is on the basis of single plane operations, and this may be decreased with two
plane operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com