Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NM1282KSLAXAL Datasheet(PDF) 92 Page - Nanya Technology Corporation.

Part # NM1282KSLAXAL
Description  MCP Specification
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANYA [Nanya Technology Corporation.]
Direct Link  http://www.nanya.com
Logo NANYA - Nanya Technology Corporation.

NM1282KSLAXAL Datasheet(HTML) 92 Page - Nanya Technology Corporation.

Back Button NM1282KSLAXAL Datasheet HTML 88Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 89Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 90Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 91Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 92Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 93Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 94Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 95Page - Nanya Technology Corporation. NM1282KSLAXAL Datasheet HTML 96Page - Nanya Technology Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 120 page
background image
Version 1.3
92
Nanya Technology Corp.
06/2018
All Rights Reserved. ©
2Gb SLC NAND + 2Gb LPDDR2
NM1282KSLAXAL
NTC Proprietary
Level: Property
REFRESH Requirements by Device Density
LPDDR2-S4 Refresh Requirement Parameters
Symbol
Parameter
2Gb(SDP)
Unit
Number of banks
8
tREFW
Refresh window: TCASE ≤ 85°
32
ms
R
Required number of REFRESH commands (MIN)
8192
tREFI
Average time between REFRESH commands
TCASE ≤ 85°C
3.9
us
tREFIpb
0.4875
us
tRFCab
Refresh cycle time
130
ns
tRFCpb
Per-bank REFRESH cycle time
60
ns
tREFBW
Burst REFRESH window = 4 × 8 × tRFCab
4.16
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com